Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 37Page - National Semiconductor (TI) CS5530A Datasheet HTML 38Page - National Semiconductor (TI) CS5530A Datasheet HTML 39Page - National Semiconductor (TI) CS5530A Datasheet HTML 40Page - National Semiconductor (TI) CS5530A Datasheet HTML 41Page - National Semiconductor (TI) CS5530A Datasheet HTML 42Page - National Semiconductor (TI) CS5530A Datasheet HTML 43Page - National Semiconductor (TI) CS5530A Datasheet HTML 44Page - National Semiconductor (TI) CS5530A Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 259 page
background image
Revision 1.1
41
www.national.com
3.0
Functional Description
The Geode CS5530A I/O companion provides many sup-
port functions for a GX-series processor (i.e., GX1, GXLV,
GXm). This chapter discusses the detailed operations of
the CS5530A in two categories: system-level activities and
operations/programming of the major functional blocks.
The system-level discussion topics revolve around events
that affect the device as a whole unit and as an interface
with other chips (e.g., processor): Topics include:
• Processor Interface
— Display Subsystem Connections
— PSERIAL Pin Interface
• PCI Bus Interface
— PCI Initiator
—PCI Target
— Special Bus Cycles–Shutdown/Halt
—PCI Bus Parity
— PCI Interrupt Routing Support
— Delayed Transactions
• Resets and Clocks
—Resets
—ISA Clock
—DOT Clock
• Power Management
— CPU Power Management
— APM Support
— Peripheral Power Management
All of the major functional blocks interact with the processor
through the PCI bus, or via its own direct interface. The
major functional blocks are divided out as:
• PC/AT Compatibility Logic
— ISA Subtractive Decode
— ISA Bus Interface
— ROM Interface
— Megacells
— I/O Ports 092h and 061h System Control
— Keyboard Interface Function
— External Real-Time Clock Interface
• IDE Controller
—IDE Interface Signals
— IDE Configuration Registers
• XpressAUDIO
— Subsystem Data Transport Hardware
— VSA Technology Support Hardware
• Display Subsystem Extensions
— Video Interface Configuration Registers
— Video Accelerator
— Video Overlay
—Gamma RAM
— Display Interface
• Universal Serial Bus Support
— USB PCI Controller
— USB Host Controller
— USB Power Management
Note that this Functional Description section of the data
book describes many of the registers used for configuration
of the CS5530A; however, not all registers are reported in
detail. Some tables in the following subsections show only
the bits (not the entire register) associated with a specific
function being discussed. For access, register, and bit
information regarding all CS5530A registers refer to Sec-
tion 4.0 "Register Descriptions" on page 140.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com