Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 38Page - National Semiconductor (TI) CS5530A Datasheet HTML 39Page - National Semiconductor (TI) CS5530A Datasheet HTML 40Page - National Semiconductor (TI) CS5530A Datasheet HTML 41Page - National Semiconductor (TI) CS5530A Datasheet HTML 42Page - National Semiconductor (TI) CS5530A Datasheet HTML 43Page - National Semiconductor (TI) CS5530A Datasheet HTML 44Page - National Semiconductor (TI) CS5530A Datasheet HTML 45Page - National Semiconductor (TI) CS5530A Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 259 page
background image
www.national.com
42
Revision 1.1
Functional Description (Continued)
3.1
PROCESSOR INTERFACE
The CS5530A interface to a GX-series processor consists
of seven miscellaneous connections, the PCI bus interface
signals, plus the display controller connections. Figure 3-1
shows the interface requirements. Note that the PC/AT leg-
acy pins NMI, WM_RST, and A20M are all virtual functions
executed in SMM (System Management Mode) by the
BIOS.
• PSERIAL is a one-way serial bus from the processor to
the CS5530A used to communicate power management
states and VSYNC information for VGA emulation.
• IRQ13 is an input from the processor indicating that a
floating point error was detected and that INTR should
be asserted.
• INTR is the level output from the integrated 8259 PICs
and is asserted if an unmasked interrupt request (IRQn)
is sampled active.
• SMI# is a level-sensitive interrupt to the processor that
can be configured to assert on a number of different
system events. After an SMI# assertion, SMM is entered
and program execution begins at the base of the SMM
address space. Once asserted, SMI# remains active
until the SMI source is cleared.
• SUSP# and SUSPA# are handshake pins for imple-
menting CPU Clock Stop and clock throttling.
• CPU_RST resets the CPU and is asserted for approxi-
mately 9 ms after the negation of POR#.
• PCI bus interface signals.
• Display subsystem interface connections.
Figure 3-1. Processor Signal Connections
SERIALP
IRQ13
SMI#
INTR
SUSP#
SUSPA#
AD[31:0]
C/BE[3:0]#
PAR
FRAME#
IRDY#
TRDY#
STOP#
LOCK#
DEVSEL#
PERR#
SERR#
REQ0#
PSERIAL
IRQ13
SMI#
CPU_RST
INTR
SUSP#
SUSPA#
AD[31:0]
C/BE[3:0]#
PAR
FRAME#
IRDY#
TRDY#
STOP#
LOCK#
DEVSEL#
PERR#
SERR#
REQ#
GNT#
GNT0#
Geode™ GX-Series
Geode™ CS5530A
RESET
PCLK
CRT_HSYNC
CRT_VSYNC
PIXEL[17:0]
FP_HSYNC
FP_VSYNC
ENA_DISP
VID_VAL
VID_CLK
VID_DATA[7:0]
VID_RDY
PCLK
HSYNC
VSYNC
PIXEL[23:0]
FP_HSYNC
FP_VSYNC
ENA_DISP
VID_VAL
VID_CLK
VID_DATA[7:0]
VID_RDY
DCLK
DCLK
I/O Companion
Processor
Note:
Refer to Figure 3-3 on page 44 for correct
interconnection of PIXEL lines with the processor.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com