Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 41Page - National Semiconductor (TI) CS5530A Datasheet HTML 42Page - National Semiconductor (TI) CS5530A Datasheet HTML 43Page - National Semiconductor (TI) CS5530A Datasheet HTML 44Page - National Semiconductor (TI) CS5530A Datasheet HTML 45Page - National Semiconductor (TI) CS5530A Datasheet HTML 46Page - National Semiconductor (TI) CS5530A Datasheet HTML 47Page - National Semiconductor (TI) CS5530A Datasheet HTML 48Page - National Semiconductor (TI) CS5530A Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 259 page
background image
Revision 1.1
45
www.national.com
Functional Description (Continued)
3.1.2
PSERIAL Pin Interface
The majority of the system power management logic is
implemented in the CS5530A, but a minimal amount of
logic is contained within the GX-series processor to provide
information that is not externally visible (e.g., graphics con-
troller).
The processor implements a simple serial communications
mechanism to transmit the CPU status to the CS5530A.
The processor accumulates CPU events in an 8-bit register
(defined in Table 3-1) which it transmits serially every 1 to
10 µs.
The packet transmitter holds the serial output pin (PSE-
RIAL) low until the transmission interval timer has elapsed.
Once the timer has elapsed, the PSERIAL pin is held high
for two clocks to indicate the start of packet transmission.
The contents of the Serial Packet Register are then shifted
out starting from bit 7 down to bit 0. The PSERIAL pin is
held high for one clock to indicate the end of packet trans-
mission and then remains low until the next transmission
interval. After the packet transmission is complete, the pro-
cessor’s Serial Packet Register’s contents are cleared.
The processor’s input clock is used as the clock reference
for the serial packet transmitter.
Once a bit in the register is set, it remains set until the com-
pletion of the next packet transmission. Successive events
of the same type that occur between packet transmissions
are ignored. Multiple unique events between packet trans-
missions accumulate in this register. The processor trans-
mits the contents of the serial packet only when a bit in the
Serial Packet Register is set and the interval timer has
elapsed.
For more information on the Serial Packet Register refer-
enced in Table 3-1, refer to the appropriate GX-series pro-
cessor data book.
The CS5530A decodes the serial packet after each trans-
mission and performs the power management tasks
relatedtovideo retrace.
3.1.2.1
Video Retrace Interrupt
Bit7 of the “Serial Packet” canbeused to generateanSMI
whenever a video retrace occurs within the processor. This
function is normally not used for power management but for
SoftVGA routines.
Setting F0 Index 83h[2] = 1 (bit details on page 163)
enables this function. A read only status register located at
F1BAR+Memory Offset 00h[5] (bit details on page 183)
can beread tosee if theSMI wascausedby a video
retrace event.
Table 3-1. GX-Series Processor Serial Packet
Register
Bit
Description
7
Video IRQ: This bit indicates the occurrence of a video
vertical sync pulse. This bit is set at the same time that
the VINT (Vertical Interrupt) bit gets set in the
DC_TIMING_CFG register. The VINT bit has a corre-
sponding enable bit (VIEN) in the DC_TIM_CFG regis-
ter.
6
CPU Activity: This bit indicates the occurrence of a
level 1 cache miss that was not a result of an instruc-
tion fetch. This bit has a corresponding enable bit in
the PM_CNTL_TEN register.
5:2
Reserved
1
Programmable Address Decode: This bit indicates
the occurrence of a programmable memory address
decode. The bit is set based on the values of the
PM_BASE register and the PM_MASK register. The
PM_BASE register can be initialized to any address in
the full CPU address range.
0
Video Decode: This bit indicates that the CPU has
accessed either the display controller registers or the
graphics memory region. This bit has a corresponding
enable bit in the PM_CNTRL_TEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com