Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 62Page - National Semiconductor (TI) CS5530A Datasheet HTML 63Page - National Semiconductor (TI) CS5530A Datasheet HTML 64Page - National Semiconductor (TI) CS5530A Datasheet HTML 65Page - National Semiconductor (TI) CS5530A Datasheet HTML 66Page - National Semiconductor (TI) CS5530A Datasheet HTML 67Page - National Semiconductor (TI) CS5530A Datasheet HTML 68Page - National Semiconductor (TI) CS5530A Datasheet HTML 69Page - National Semiconductor (TI) CS5530A Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 259 page
background image
www.national.com
66
Revision 1.1
Functional Description (Continued)
Table 3-20. Floppy Disk Idle Timer and Trap Related Registers
Bit
Description
F0 Index 81h
Power Management Enable Register 2 (R/W)
Reset Value = 00h
1
Floppy Disk Idle Timer Enable: Load timer from Floppy Disk Idle Timer Count Register (F0 Index 9Ah) and generate an
SMI when the timer expires. 0 = Disable; 1 = Enable.
If an access occurs in the address ranges (listed below) the timer is reloaded with the programmed count.
Primary floppy disk: I/O Port 3F2h, 3F4h, 3F5h, and 3F7
Secondary floppy disk: I/O Port 372h, 373h, 375h, and 377h
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[1].
F0 Index 82h
Power Management Enable Register 3 (R/W)
Reset Value = 00h
1
Floppy Disk Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs in the address ranges (listed below) an SMI is generated.
Primary floppy disk: I/O Port 3F2h, 3F4h, 3F5h, or 3F7
Secondary floppy disk: I/O Port 372h, 373h, 375h, or 377h
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[1].
F0 Index 93h
Miscellaneous Device Control Register (R/W)
Reset Value = 00h
7
Floppy Drive Port Select: All system resources used to power manage the floppy drive use the primary or secondary FDC
addresses for decode. 0 = Primary; 1 = Primary and Secondary.
F0 Index 9Ah-9Bh
Floppy Disk Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Floppy Disk Idle Timer Count: The idle timer loaded from this register is used to determine when the floppy disk drive is
not in use so that it can be powered down. The 16-bit value programmed here represents the period of floppy disk drive
inactivity after which the system is alerted via an SMI. The timer is automatically reloaded with the count value whenever an
access occurs to any of I/O Ports 3F2h, 3F4h, 3F5h, and 3F7h (primary) or 372h, 374h, 375h, and 377h (secondary). The
timer uses a 1 second timebase.
To enable this timer set F0 Index 81h[1] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com