Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 8Page - National Semiconductor (TI) CS5530A Datasheet HTML 9Page - National Semiconductor (TI) CS5530A Datasheet HTML 10Page - National Semiconductor (TI) CS5530A Datasheet HTML 11Page - National Semiconductor (TI) CS5530A Datasheet HTML 12Page - National Semiconductor (TI) CS5530A Datasheet HTML 13Page - National Semiconductor (TI) CS5530A Datasheet HTML 14Page - National Semiconductor (TI) CS5530A Datasheet HTML 15Page - National Semiconductor (TI) CS5530A Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 259 page
background image
www.national.com
12
Revision 1.1
Architecture Overview (Continued)
1.10 PROCESSOR SUPPORT
The traditional south bridge functionality included in the
CS5530A I/O companion chip has been designed to sup-
port the GX-series of processors. When combined with a
GX-series processor, the CS5530A provides a bridge
which supports a standard ISA bus and system ROM. As
part of the video subsystem, the CS5530A provides MPEG
video acceleration and a digital RGB interface, to allow
direct connection to TFT LCD panels. This chip also inte-
grates a gamma RAM and three DACs, allowing for direct
connection of a CRT monitor. Figure 1-5 shows a typical
system block diagram.
For detailed information regarding processor signal con-
nections refer to Section 3.1 "Processor Interface" on page
42.
Figure 1-5. Example System Block Diagram
YUV Port
(Video)
RGB Port
PCI Interface
Memory
Memory Data Bus
PCI Bus
Geode™
CS5530A
Graphics Data
Video Data
Analog RGB
Digital RGB
CRT
TFT
Flat Panel
USB
(2 Ports)
AC97
Codec
Speakers
CD
ROM
Audio
Micro-
phone
GPIOs
Port
(Graphics)
Geode™
IDE Devices
SuperI/O
BIOS
ISA Bus
Ultra DMA/33 IDE Bus
Memory
Serial
Packet
DC-DC
&
Battery
Clocks
or TV
NTSC/PAL
Encoder
GX-Series
Processor
I/O Companion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com