Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 42Page - National Semiconductor (TI) CS5530A Datasheet HTML 43Page - National Semiconductor (TI) CS5530A Datasheet HTML 44Page - National Semiconductor (TI) CS5530A Datasheet HTML 45Page - National Semiconductor (TI) CS5530A Datasheet HTML 46Page - National Semiconductor (TI) CS5530A Datasheet HTML 47Page - National Semiconductor (TI) CS5530A Datasheet HTML 48Page - National Semiconductor (TI) CS5530A Datasheet HTML 49Page - National Semiconductor (TI) CS5530A Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 259 page
background image
www.national.com
46
Revision 1.1
Functional Description (Continued)
3.2
PCI BUS INTERFACE
The PCI bus interface is compliant with the PCI Bus Speci-
fication Rev. 2.1.
The CS5530A acts as a PCI target for PCI cycles initiated
by the processor or other PCI master devices, or as an initi-
ator for DMA, ISA, IDE, and audio master transfer cycles. It
supports positive decode for memory and I/O regions and
is the subtractive decode agent on the PCI bus. The
CS5530A also generates address and data parity and per-
forms parity checking. A PCI bus arbiter is not part of the
CS5530A; however, one is included in the GX-series pro-
cessor.
The PCI Command Register, located at F0 Index 04h
(Table 3-2), provides the basic control over the CS5530A’s
ability to respond and perform PCI bus accesses.
3.2.1
PCI Initiator
The CS5530A acts as a PCI bus master on behalf of the
DMA controller or ISA, IDE, and audio interfaces. The
REQ# and GNT# signals are used to arbitrate for the PCI
bus.
Note:
In a GX-series processor based system, the
REQ#/GNT# signals of the CS5530A must con-
nect to the REQ0#/GNT0# of the processor. This
configuration ensures that the CS5530A is treated
as a non-preemptable PCI master by the proces-
sor.
TheCS5530A asserts REQ#inresponsetoabus master-
ing or DMA request for ownership of the PCI bus. GNT# is
asserted by the PCI arbiter (i.e., processor) to indicate that
access to the PCI bus has been granted to the CS5530A.
The CS5530A then issues a grant to the DMA controller.
This mechanism prevents any deadlock situations across
the bridge. Once granted the PCI bus, the ISA master or
DMA transfer commences.
If an ISA master executes an I/O access, that cycle
remains on the ISA bus and is not forwarded to the PCI
bus. The CS5530A performs only single transfers on the
PCI bus for legacy DMA cycles.
Table 3-2. PCI Command Register
Bit
Description
F0 Index 04h-05h
PCI Command Register (R/W)
Reset Value = 000Fh
15:10
Reserved: Set to 0.
9
Fast Back-to-Back Enable (Read Only): This function is not supported when the CS5530A is a master. It is always
disabled (always reads 0).
8
SERR#: Allow SERR# assertion on detection of special errors. 0 = Disable (Default);1 =Enable.
7
Wait Cycle Control (Read Only): This function is not supported in the CS5530A. It is always disabled
(always reads 0).
6
Parity Error: Allow the CS5530A to check for parity errors on PCI cycles for which it is a target, and to assert PERR# when
a parity error is detected. 0 = Disable (Default); 1 = Enable.
5
VGA Palette Snoop Enable (Read Only): This function is not supported in the CS5530A. It is always disabled (always
reads 0).
4
Memory Write and Invalidate: Allow the CS5530A to do memory write and invalidate cycles, if the PCI Cache Line Size
Register (F0 Index 0Ch) is set to 16 bytes (04h). 0 = Disable (Default);1 =Enable.
3
Special Cycles: Allow the CS5530A to respond to special cycles. 0 = Disable; 1 = Enable (Default).
This bit must be enabled to allow the CPU Warm Reset internal signal to be triggered from a CPU Shutdown cycle.
2
Bus Master: Allow the CS5530A bus mastering capabilities. 0 = Disable; 1 = Enable (Default).
This bit must be set to 1.
1
Memory Space: Allow the CS5530A to respond to memory cycles from the PCI bus. 0 = Disable; 1 = Enable (Default).
0
I/O Space: Allow the CS5530A to respond to I/O cycles from the PCI bus. 0 = Disable; 1 = Enable (Default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com