Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 104 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 104 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 100Page - National Semiconductor (TI) CS5530A Datasheet HTML 101Page - National Semiconductor (TI) CS5530A Datasheet HTML 102Page - National Semiconductor (TI) CS5530A Datasheet HTML 103Page - National Semiconductor (TI) CS5530A Datasheet HTML 104Page - National Semiconductor (TI) CS5530A Datasheet HTML 105Page - National Semiconductor (TI) CS5530A Datasheet HTML 106Page - National Semiconductor (TI) CS5530A Datasheet HTML 107Page - National Semiconductor (TI) CS5530A Datasheet HTML 108Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 259 page
background image
www.national.com
104
Revision 1.1
Functional Description (Continued)
3.5.5.1
I/O Port 092h System Control
I/O Port 092h allows for a fast keyboard assertion of an
A20# SMI and a fast keyboard CPU reset. Decoding for this
register may be disabled via F0 Index 52h[3] (Table 3-49).
The assertion of a fast keyboard A20# SMI is controlled by
either I/O Port 092h or by monitoring for the keyboard com-
mand sequence (see Section 3.5.6.1 "Fast Keyboard Gate
Address 20 and CPU Reset" on page 106). If bit 1 of I/O
Port 092h is cleared, the CS5530A internally asserts an
A20M# SMI, which in turn causes an SMI to the processor.
If bit 1 is set, A20M# SMI is internally deasserted again
causinganSMI.
The assertion of a fast keyboard reset (WM_RST SMI) is
controlled by bit 0 in I/O Port 092h or by monitoring for the
keyboard command sequence. If bit 0 is changed from a 0
to a 1, the CS5530A generates a reset to the processor by
generating a WM_RST SMI. When the WM_RST SMI
occurs, the BIOS jumps to the Warm Reset vector. This bit
remains set until the CS5530A is externally reset, or this bit
is cleared by program control. Note that Warm Reset is not
a pin; it is under SMI control.
3.5.5.2
I/O Port 061h System Control
Through I/O Port 061h, the speaker output can be enabled,
NMI from IOCHK# or SERR# can be enabled, the status of
IOCHK#and SERR# canberead,and thestate of the
speaker data (Timer2 output) and refresh toggle (Timer1
output) can be read back. Note that NMI is under SMI con-
trol. Even though the hardware is present, the IOCHK# pin
does not exist so an NMI from IOCHK# can not happen.
3.5.5.3
SMI Generation for NMI
Figure 3-17 shows how the CS5530A can generate an SMI
foranNMI.NotethatNMI is nota pin.
Figure 3-17. SMI Generation for NMI
Table 3-49. I/O Port 092h Decode Enable Bit
Bit
Description
F0 Index 52h
ROM/AT Logic Control Register (R/W)
Reset Value = F8h
3
Enable I/O Port 092h Decode (Port A): I/O Port 092h decode and the logical functions. 0 = Disable; 1 = Enable.
PERR#
IOCHK#
F0 Index 04h[6]
SERR#
F0 Index 04h[8]
F0 Index 41h[5]
I/O Port 061h[2]
I/O Port 061h[3]
I/O Port 070h[7]
Parity Errors
AND
System Errors
NMI
NMI
SMI
F0 Index 04h: PCI Command Register
Bit 6 = PE (Parity Error Enable)
Bit 8 = SERR# (SERR# Enable)
F0 Index 41h: PCI Function Control Register 2
Bit 5 = PES (PERR# Signals SERR#)
I/O Port 061h: Port B
Bit 2 = ERR_EN (PERR#/SERR# enable)
Bit 3 = IOCHK_EN (IOCHK Enable)
I/O Port 070h: RTC Index Register (WO)
Bit 7 = NMI (NMI Enable)
AND
AND
AND
AND
OR
AND
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com