Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 107 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 107 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 103Page - National Semiconductor (TI) CS5530A Datasheet HTML 104Page - National Semiconductor (TI) CS5530A Datasheet HTML 105Page - National Semiconductor (TI) CS5530A Datasheet HTML 106Page - National Semiconductor (TI) CS5530A Datasheet HTML 107Page - National Semiconductor (TI) CS5530A Datasheet HTML 108Page - National Semiconductor (TI) CS5530A Datasheet HTML 109Page - National Semiconductor (TI) CS5530A Datasheet HTML 110Page - National Semiconductor (TI) CS5530A Datasheet HTML 111Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 259 page
background image
Revision 1.1
107
www.national.com
Functional Description (Continued)
3.5.7
External Real-Time Clock Interface
I/O Ports 070h and 071h decodes are provided to interface
to an external real-time clock controller. I/O Port 070h, a
write only port, is used to set up the address of the desired
data in the controller. This causes the address to be placed
on the ISA data bus, and the RTCALE signal to be trig-
gered. A read of I/O Port 071h causes an ISA I/O read
cycletobeperformed while asserting the RTCCS#signal.
A write to I/O Port 071h causes an ISA I/O write cycle to be
performed with the desired data being placed on the ISA
busand theRTCCS#signal tobeasserted. RTCCS#/
SMEMW# and RTCALE/SMEMR# are multiplexed pins.
The function selection is made through F0 Index 53h[2].
The connection between the CS5530A and an external
real-time clock is shown in Figure 3-18.
The CS5530A also provides the RTC Index Shadow Regis-
ter (F0 Index BBh) to store the last write to I/O Port 070h.
Table3-53shows thebit formatsfor the associatedregis-
ters for interfacing with an external real-time clock.
Figure 3-18. External RTC Interface
SD[7:0]
RTCALE/SMEMR#
IOR#
IOW#
RTC
RTCCS#/SMEMW#
IRQ8#
Table 3-53. Real-Time Clock Registers
Bit
Description
I/O Port 070h (WO)
RTC Address Register
7
NMI Mask: 0 = Enable; 1 = Mask.
6:0
RTC Register Index: A write of this register sends the data out on the ISA bus and also causes RTCALE to be triggered.
Note: This register is shadowed within the CS5530A and is read through the RTC Shadow Register (F0 Index BBh).
I/O Port 071h (R/W)
RTC Data Register
A read of this register returns the value of the register indexed by the RTC Address Register plus initiates a RTCCS#.
A write of this register sets the value into the register indexed by the RTC Address Register plus initiates a RTCCS#.
F0 Index BBh
RTC Index Shadow Register (RO)
Reset Value = xxh
7:0
RTC Index Shadow (Read Only): The RTC Shadow register contains the last written value of the RTC Index
register (I/O Port 070h).
F0 Index 53h
Alternate CPU Support Register (R/W)
Reset Value = 00h
2
RTC Enable/RTC Pin Configuration: 0 = SMEMW# (Pin AF3) and SMEMR# (Pin AD4), RTC decode disabled;
1 = RTCCS# (Pin AF3) and RTCALE (Pin AD4), RTC decode enabled.
Note: The RTC Index Shadow Register (F0 Index BBh) is independent of the setting of this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com