Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 109 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 109 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 105Page - National Semiconductor (TI) CS5530A Datasheet HTML 106Page - National Semiconductor (TI) CS5530A Datasheet HTML 107Page - National Semiconductor (TI) CS5530A Datasheet HTML 108Page - National Semiconductor (TI) CS5530A Datasheet HTML 109Page - National Semiconductor (TI) CS5530A Datasheet HTML 110Page - National Semiconductor (TI) CS5530A Datasheet HTML 111Page - National Semiconductor (TI) CS5530A Datasheet HTML 112Page - National Semiconductor (TI) CS5530A Datasheet HTML 113Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 259 page
background image
Revision 1.1
109
www.national.com
Functional Description (Continued)
3.6.2
IDE Configuration Registers
Registers for configuring the IDE interface are accessed
through F2 Index 20h, the Base Address Register (F2BAR)
in Function 2. F2BAR sets the base address for the IDE
Controllers Configuration Registers as shown in Table 3-
55. For complete bit information, refer to Section 4.3.3 "IDE
Controller Registers - Function 2" on page 188.
The
following
subsections
discuss
CS5530A
opera-
tional/programming details concerning PIO, Bus Master,
and Ultra DMA/33 modes.
3.6.2.1
PIO Mode
The IDE data port transaction latency consists of address
latency, asserted latency and recovery latency. Address
latency occurs when a PCI master cycle targeting the IDE
data port is decoded, and the IDE_ADDR[2:0] and
IDE_CS# lines are not set up. Address latency provides the
setup time for the IDE_ADDR[2:0] and IDE_CS# lines prior
to IDE_IOR# and IDE_IOW#.
Asserted latency consists of the I/O command strobe
assertion length and recovery time. Recovery time is pro-
vided so that transactions may occur back-to-back on the
IDE interface without violating minimum cycle periods for
the IDE interface.
If IDE_IORDY is asserted when the initial sample point is
reached, no wait states are added to the command strobe
assertion length. If IDE_IORDY is negated when the initial
sample point is reached, additional wait states are added.
Recovery latency occurs after the IDE data port transac-
tions have completed. It provides hold time on the
IDE_ADDR[2:0] and IDE_CS# lines with respect to the
read and write strobes (IDE_IOR# and IDE_IOW#).
The PIO portion of the IDE registers is enabled through:
• Channel 0 Drive 0 Programmed I/O Register
(F2BAR+I/O Offset 20h)
• Channel 0 Drive 1 Programmed I/O Register
(F2BAR+I/O Offset 28h)
• Channel 1 Drive 0 Programmed I/O Register
(F2BAR+I/O Offset 30h)
• Channel 1 Drive 1 Programmed I/O Register
(F2BAR+I/O Offset 38h)
The IDE channels and devices can be individually pro-
grammed to select the proper address setup time, asserted
time, and recovery time.
The bit formats for these registers are shown in Table 3-56.
Note that there are different bit formats for each of the PIO
programming registers depending on the operating format
selected: Format 0 or Format 1.
F2BAR+I/O Offset 24h[31] (Channel 0 Drive 0 — DMA
Control Register) sets the format of the PIO register. If bit
31 = 0, Format 0 is used and it selects the slowest PIO-
MODE (bits [19:16]) per channel for commands. If bit 31 =
1, Format 1 is used and it allows independent control of
command and data.
Also listed in the bit formats are recommended values for
the different PIO modes.
Note:
These are only recommended settings and are not
100% tested.
Table 3-55. Base Address Register (F2BAR) for IDE Support Registers
Bit
Description
F2 Index 20h-23h
Base Address Register - F2BAR (R/W)
Reset Value = 00000001h
This register sets the base address of the I/O mapped bus mastering IDE and controller registers. Bits [6:0] are read only (0000 001),
indicating a 128-byte I/O address range. Refer to Table 4-19 for the IDE configuration registers bit formats and reset values.
31:7
Bus Mastering IDE Base Address
6:0
Address Range (Read Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com