Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 105 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 105 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 101Page - National Semiconductor (TI) CS5530A Datasheet HTML 102Page - National Semiconductor (TI) CS5530A Datasheet HTML 103Page - National Semiconductor (TI) CS5530A Datasheet HTML 104Page - National Semiconductor (TI) CS5530A Datasheet HTML 105Page - National Semiconductor (TI) CS5530A Datasheet HTML 106Page - National Semiconductor (TI) CS5530A Datasheet HTML 107Page - National Semiconductor (TI) CS5530A Datasheet HTML 108Page - National Semiconductor (TI) CS5530A Datasheet HTML 109Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 259 page
background image
Revision 1.1
105
www.national.com
Functional Description (Continued)
3.5.6
Keyboard Interface Function
The CS5530A actively decodes the keyboard controller I/O
Ports 060h and 064h, and generate an ISA I/O cycle with
KBROMCS# asserted. Access to I/O Ports 062h and 066h
must be enabled for KBROMCS# to be asserted. The
CS5530A also actively decodes the keyboard controller I/O
Ports 062h and 066h if F0 Index 5Bh[7] is set. Keyboard
positive decoding can be disabled if F0 Index 5Ah[1] is
cleared. Table 3-50 shows these two decoding bits.
Table 3-51 lists the standard keyboard control I/O registers
and their bit formats.
.
Table 3-50. Decode Control Registers
Bit
Description
F0 Index 5Ah
Decode Control Register 1 (R/W)
Reset Value = 03h
1
Keyboard Controller Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port
060h and 064h (and 062h/066h if enabled). 0 = Subtractive; 1 = Positive.
Note: Positive decoding by the CS5530A speeds up the I/O cycle time. These I/O Ports do not exist in the CS5530A. It is assumed that
if positive decode is enabled, the port exists on the ISA bus.
F0 Index 5Bh
Decode Control Register 2 (R/W)
Reset Value = 20h
7
Keyboard I/O Port 062h/066h Decode: This alternate port to the keyboard controller is provided in support of the 8051SL
notebook keyboard controller mailbox. 0 = Disable; 1 = Enable.
Note: Positive decoding by the CS5530A speeds up the I/O cycle time. The keyboard, LPT3, LPT2, and LPT1 I/O Ports do not exist in
the CS5530A. It is assumed that if positive decode is enabled, the port exists on the ISA bus.
Table 3-51. External Keyboard Controller Registers
Bit
Description
I/O Port 060h (R/W)
External Keyboard Controller Data Register
Keyboard Controller Data Register: All accesses to this port are passed to the ISA bus. If the fast keyboard gate A20 and reset fea-
tures are enabled through bit 7 of the ROM/AT Logic Control Register (F0 Index 52h[7]), the respective sequences of writes to this port
assert the A20M# pin or cause a warm CPU reset.
I/O Port 062h (R/W)
External Keyboard Controller Mailbox Register
Keyboard Controller Mailbox Register: Accesses to this port will assert KBROMCS# if the Port 062h/066h decode is enabled through
bit 7 of the Decode Control Register 2 (F0 Index 5Bh[7]).
I/O Port 064h (R/W)
External Keyboard Controller Command Register
Keyboard Controller Command Register: All accesses to this port are passed to the ISA bus. If the fast keyboard gate A20 and reset
features are enabled through bit 7 of the ROM/AT Logic Control Register (F0 Index 52h[7]), the respective sequences of writes to this
port assert the A20M# pin or cause a warm CPU reset.
I/O Port 066h (R/W)
External Keyboard Controller Mailbox Register
Keyboard Controller Mailbox Register: Accesses to this port will assert KBROMCS# if the Port 062h/066h decode is enabled through
bit 7 of the Decode Control Register 2 (F0 Index 5Bh[7]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com