Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 102 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 102 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 98Page - National Semiconductor (TI) CS5530A Datasheet HTML 99Page - National Semiconductor (TI) CS5530A Datasheet HTML 100Page - National Semiconductor (TI) CS5530A Datasheet HTML 101Page - National Semiconductor (TI) CS5530A Datasheet HTML 102Page - National Semiconductor (TI) CS5530A Datasheet HTML 103Page - National Semiconductor (TI) CS5530A Datasheet HTML 104Page - National Semiconductor (TI) CS5530A Datasheet HTML 105Page - National Semiconductor (TI) CS5530A Datasheet HTML 106Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 259 page
background image
www.national.com
102
Revision 1.1
Functional Description (Continued)
Table 3-47. Interrupt Edge/Level Select Registers
Bit
Description
I/O Port 4D0h
Interrupt Edge/Level Select Register 1 (R/W)
Reset Value = 00h
7
IRQ7 Edge or Level Select: Selects PIC IRQ7 sensitivity configuration. 0 = Edge; 1 = Level. (Notes 1 and 2)
6
IRQ6 Edge or Level Select: Selects PIC IRQ6 sensitivity configuration. 0 = Edge; 1 = Level. (Notes 1 and 2)
5
IRQ5 Edge or Level Select: Selects PIC IRQ5 sensitivity configuration. 0 = Edge; 1 = Level. (Notes 1 and 2)
4
IRQ4 Edge or Level Select: Selects PIC IRQ4 sensitivity configuration. 0 = Edge; 1 = Level. (Notes 1 and 2)
3
IRQ3 Edge or Level Select: Selects PIC IRQ3 sensitivity configuration. 0 = Edge; 1 = Level. (Notes 1 and 2)
2
Reserved: Set to 0.
1
IRQ1 Edge or Level Select: Selects PIC IRQ1 sensitivity configuration. 0 = Edge; 1 = Level. (Notes 1 and 2)
0
Reserved: Set to 0.
Notes:
1.
If ICW1 - bit 3 in the PIC is set as level, it overrides this setting.
2.
This bit is provided to configure a PCI interrupt mapped to IRQ[x] on the PIC as level-sensitive (shared).
I/O Port 4D1h
Interrupt Edge/Level Select Register 2 (R/W)
Reset Value = 00h
7
IRQ15 Edge or Level Select: Selects PIC IRQ15 sensitivity configuration. 0 = Edge; 1 = Level. (Notes 1 and 2)
6
IRQ14 Edge or Level Select: Selects PIC IRQ14 sensitivity configuration. 0 = Edge; 1 = Level. (Notes 1 and 2)
5
Reserved: Set to 0.
4
IRQ12 Edge or Level Select: Selects PIC IRQ12 sensitivity configuration. 0 = Edge; 1 = Level. (Notes 1 and 2)
3
IRQ11 Edge or Level Select: Selects PIC IRQ11 sensitivity configuration. 0 = Edge; 1 = Level. (Notes 1 and 2)
2
IRQ10 Edge or Level Select: Selects PIC IRQ10 sensitivity configuration. 0 = Edge; 1 = Level. (Notes 1 and 2)
1
IRQ9 Edge or Level Select: Selects PIC IRQ9 sensitivity configuration. 0 = Edge; 1 = Level. (Notes 1 and 2)
0
Reserved: Set to 0.
Notes:
1.
If ICW1 - bit 3 in the PIC is set as level, it overrides this setting.
2.
This bit is provided to configure a PCI interrupt mapped to IRQ[x] on the PIC as level-sensitive (shared).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com