Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7447 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 10Page - ATMEL Corporation PC7447 Datasheet HTML 11Page - ATMEL Corporation PC7447 Datasheet HTML 12Page - ATMEL Corporation PC7447 Datasheet HTML 13Page - ATMEL Corporation PC7447 Datasheet HTML 14Page - ATMEL Corporation PC7447 Datasheet HTML 15Page - ATMEL Corporation PC7447 Datasheet HTML 16Page - ATMEL Corporation PC7447 Datasheet HTML 17Page - ATMEL Corporation PC7447 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
14
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Internal Package Conduction
Resistance
For the exposed-die packaging technology, shown in Table 4 on page 13, the intrinsic
conduction thermal resistance paths are as follows:
•
The die junction-to-case (actually top-of-die since silicon die is exposed) thermal
resistance
•
The die junction-to-ball thermal resistance
Figure 33 on page 58 depicts the primary heat transfer path for a package with an
attached heat sink mounted to a printed-circuit board.
Figure 4. C4 Package with Heat Sink Mounted to a Printed-Circuit Board
Note the internal versus external package resistance.
Heat generated on the active side of the chip is conducted through the silicon, then
through the heat sink attach material (or thermal interface material), and finally to the
heat sink where it is removed by forced-air convection.
Because the silicon thermal resistance is quite small, for a first-order analysis, the tem-
perature drop in the silicon may be neglected. Thus, the thermal interface material and
the heat sink conduction/convective thermal resistances are the dominant terms.
External Resistance
External Resistance
Internal Resistance
Radiation
Convection
Heat Sink
Thermal Interface Material
Die/Package
Die Junction
Package/Leads
Printed-Circuit Board
Radiation
Convection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com