Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7447 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 20Page - ATMEL Corporation PC7447 Datasheet HTML 21Page - ATMEL Corporation PC7447 Datasheet HTML 22Page - ATMEL Corporation PC7447 Datasheet HTML 23Page - ATMEL Corporation PC7447 Datasheet HTML 24Page - ATMEL Corporation PC7447 Datasheet HTML 25Page - ATMEL Corporation PC7447 Datasheet HTML 26Page - ATMEL Corporation PC7447 Datasheet HTML 27Page - ATMEL Corporation PC7447 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
24
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Figure 10 provides the input/output timing diagram for the PC7457.
Figure 10. Input/Output Timing Diagram
Note:
VM = Midpoint Voltage (OVDD/2)
L3 Clock AC Specifications
The L3_CLK frequency is programmed by the L3 configuration register core-to-L3 divi-
sor ratio. See Table 18 on page 51 for example core and L3 frequencies at various
divisors. Table 10 on page 25 provides the potential range of L3_CLK output AC timing
specifications as defined in Figure 11 on page 25.
The maximum L3_CLK frequency is the core frequency divided by two. Given the high
core frequencies available in the PC7457, however, most SRAM designs will be not be
able to operate in this mode using current technology and, as a result, will select a
greater core-to-L3 divisor to provide a longer L3_CLK period for read and write access
to the L3 SRAMs. Therefore, the typical L3_CLK frequency shown in Table 10 is consid-
ered to be the practical maximum in a typical system. The maximum L3_CLK frequency
for any application of the PC7457 will be a function of the AC timings of the PC7457, the
AC timings for the SRAM, bus loading, and printed-circuit board trace length, and may
be greater or less than the value given in Table 10. Note that SYSCLK input jitter and
L3_CLK[0:1] output jitter are already comprehended in the L3 bus AC timing specifica-
tions and do not need to be separately accounted for in an L3 AC timing analysis. Clock
skews, where applicable, do need to be accounted for in an AC timing analysis.
SYSCLK
All Inputs
VM
All Outputs
VM
(Except TS,
All Outputs
TS
VM
tKHOE
ARTRY, SHD0, SHD1)
(Except TS,
ARTRY, SHD0, SHD1)
ARTRY,
SHD0,
SHD1
tAVKH
tKHAV
tIVKH
tAXKH
tIXKH
tKHDV
tKHOV
tKHAX
tKHDX
tKHOX
tKHOZ
tKHTSPZ
tKHTSX
tKHTSV
tKHTSV
tKHARV
tKHARP
tKHARX
tKHARPZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com