Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7447 Datasheet(PDF) 54 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 50Page - ATMEL Corporation PC7447 Datasheet HTML 51Page - ATMEL Corporation PC7447 Datasheet HTML 52Page - ATMEL Corporation PC7447 Datasheet HTML 53Page - ATMEL Corporation PC7447 Datasheet HTML 54Page - ATMEL Corporation PC7447 Datasheet HTML 55Page - ATMEL Corporation PC7447 Datasheet HTML 56Page - ATMEL Corporation PC7447 Datasheet HTML 57Page - ATMEL Corporation PC7447 Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
54
PC7457/47 [Preliminary]
5345B–HIREL–02/04
PLL Power Supply
Filtering
The AV
DD power signal is provided on the PC7457 to provide power to the clock gener-
ation PLL. To ensure stability of the internal clock, the power supplied to the AV
DD input
signal should be filtered of any noise in the 500 kHz to 10 MHz resonant frequency
range of the PLL. A circuit similar to the one shown in Figure 29 using surface mount
capacitors with minimum effective series inductance (ESL) is recommended.
The circuit should be placed as close as possible to the AV
DD pin to minimize noise cou-
pled from nearby circuits. It is often possible to route directly from the capacitors to the
AV
DD pin, which is on the periphery of the 360 CBGA footprint and very close to the
periphery of the 483 CBGA footprint, without the inductance of vias.
The PLL power supply filter provided in the PC7457 RISC Microprocessor Hardware
Specifications has been found to be less effective for Rev 1.1 devices with the low core
voltages described in this specification.
As a result, the recommended value for the resistor in the circuit is being evaluated and
a new recommendation is indicated in Figure 31. Motorola continues to evaluate the fil-
tering requirements of the PC7457 and will make updated recommendations as needed.
Note that this recommendation applies to Rev. 1.1 devices only.
Figure 31. PLL Power Supply Filter Circuit
Decoupling
Recommendations
Due to the PC7457 dynamic power management feature, large address and data buses,
and high operating frequencies, the PC7457 can generate transient power surges and
high frequency noise in its power supply, especially while driving large capacitive loads.
This noise must be prevented from reaching other components in the PC7457 system,
and the PC7457 itself requires a clean, tightly regulated source of power. Therefore, it is
recommended that the system designer place at least one decoupling capacitor at each
V
DD, OVDD, and GVDD pin of the PC7457. It is also recommended that these decoupling
capacitors receive their power from separate V
DD, OVDD/GVDD, and GND power planes
in the PCB, utilizing short traces to minimize inductance.
These capacitors should have a value of 0.01 or 0.1 µF. Only ceramic surface mount
technology (SMT) capacitors should be used to minimize lead inductance, preferably
0508 or 0603 orientations where connections are made along the length of the part.
Consistent with the recommendations of Dr. Howard Johnson in High Speed Digital
Design: A Handbook of Black Magic (Prentice Hall, 1993) and contrary to previous rec-
ommendations for decoupling Motorola microprocessors, multiple small capacitors of
equal value are recommended over using multiple values of capacitance.
In addition, it is recommended that there be several bulk storage capacitors distributed
around the PCB, feeding the V
DD, GVDD, and OVDD planes, to enable quick recharging
of the smaller chip capacitors. These bulk capacitors should have a low equivalent
series resistance (ESR) rating to ensure the quick response time necessary. They
should also be connected to the power and ground planes through two vias to minimize
inductance. Suggested bulk capacitors: 100 – 330 µF (AVX TPS tantalum or Sanyo
OSCON).
VDD
400
Ω
2.2
µF
2.2
µF
GND
AVDD
Low ESL surface mount capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com