Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7447 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 43Page - ATMEL Corporation PC7447 Datasheet HTML 44Page - ATMEL Corporation PC7447 Datasheet HTML 45Page - ATMEL Corporation PC7447 Datasheet HTML 46Page - ATMEL Corporation PC7447 Datasheet HTML 47Page - ATMEL Corporation PC7447 Datasheet HTML 48Page - ATMEL Corporation PC7447 Datasheet HTML 49Page - ATMEL Corporation PC7447 Datasheet HTML 50Page - ATMEL Corporation PC7447 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
47
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Signal Name
Pin Number
Active
I/O
I/F Select(1)
INT
J6
Low
Input
BVSEL
L1_TSTCLK(10)
H4
High
Input
BVSEL
L2_TSTCLK(12)
J2
High
Input
BVSEL
L3VSEL(6)(7)
A4
High
Input
N/A
L3ADDR[18:0]
H11, F20, J16, E22, H18, G20, F22, G22, H20, K16, J18, H22, J20,
J22, K18, K20, L16, K22, L18
High
Output
L3VSEL
L3_CLK[0:1]
V22, C17
High
Output
L3VSEL
L3_CNTL[0:1]
L20, L22
Low
Output
L3VSEL
L3DATA[0:63]
AA19, AB20, U16, W18, AA20, AB21, AA21, T16, W20, U18, Y22,
R16, V20, W22, T18, U20, N18, N20, N16, N22, M16, M18, M20,
M22, R18, T20, U22, T22, R20, P18, R22, M15, G18, D22, E20,
H16, C22, F18, D20, B22, G16, A21, G15, E17, A20, C19, C18, A19,
A18, G14, E15, C16, A17, A16, C15, G13, C14, A14, E13, C13,
G12, A13, E12, C12
High
I/O
L3VSEL
L3DP[0:7]
AB19, AA22, P22, P16, C20, E16, A15, A12
High
I/O
L3VSEL
L3_ECHO_CLK[0,2]
V18, E18
High
Input
L3VSEL
L3_ECHO_CLK[1,3]
P20, E14
High
I/O
L3VSEL
LSSD_MODE(7)(13)
F6
Low
Input
BVSEL
MCP
B8
Low
Input
BVSEL
No Connect(14)
A8, A11, B6, B11, C11, D11, D3, D5, E11, E7, F2, F11, G2, H9
–
–
N/A
OV
DD
B3, C5, C7, C10, D2, E3, E9, F5, G3, G9, H7, J5, K3, L7, M5, N3,
P7, R4, T3, U5, U7, U11, U15, V3, V9, V13, Y2, Y5, Y7, Y10, Y17,
Y19, AA4, AA15
––
N/A
PLL_CFG[0:4]
A2, F7, C2, D4, H8
High
Input
BVSEL
PMON_IN(15)
E6
Low
Input
BVSEL
PMON_OUT
B4
Low
Output
BVSEL
QACK
K7
Low
Input
BVSEL
QREQ
Y1
Low
Output
BVSEL
SHD[0:1]
L4, L8
Low
I/O
BVSEL
SMI
G8
Low
Input
BVSEL
SRESET
G1
Low
Input
BVSEL
SYSCLK
D6
–
Input
BVSEL
TA
N8
Low
Input
BVSEL
TBEN
L3
High
Input
BVSEL
TBST
B7
Low
Output
BVSEL
TCK
J7
High
Input
BVSEL
TDI(7)
E4
High
Input
BVSEL
TDO
H1
High
Output
BVSEL
TEA
T1
Low
Input
BVSEL
Table 17. Pinout Listing for the PC7457, 483 CBGA Package (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com