Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7447 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # PC7447
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button PC7447 Datasheet HTML 31Page - ATMEL Corporation PC7447 Datasheet HTML 32Page - ATMEL Corporation PC7447 Datasheet HTML 33Page - ATMEL Corporation PC7447 Datasheet HTML 34Page - ATMEL Corporation PC7447 Datasheet HTML 35Page - ATMEL Corporation PC7447 Datasheet HTML 36Page - ATMEL Corporation PC7447 Datasheet HTML 37Page - ATMEL Corporation PC7447 Datasheet HTML 38Page - ATMEL Corporation PC7447 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
35
PC7457/47 [Preliminary]
5345B–HIREL–02/04
IEEE 1149.1 AC Timing
Specifications
Table 15 provides the IEEE 1149.1 (JTAG) AC timing specifications as defined in Figure
19 through Figure 22 on page 37.
Notes:
1. All outputs are measured from the midpoint voltage of the falling/rising edge of TCLK to the midpoint of the signal in ques-
tion. The output timings are measured at the pins. All output timings assume a purely resistive 50
Ω load (see Figure 18).
Time-of-flight delays must be added for trace lengths, vias and connectors in the system.
2. TRST is an asynchronous level sensitive signal. The setup time is for test purposes only.
3. Non-JTAG signal input timing with respect to TCK.
4. Non-JTAG signal output timing with respect to TCK.
5. Guaranteed by design and characterization
Figure 18 provides the AC test load for TDO and the boundary-scan outputs of the PC7457.
Figure 18. Alternate AC Test Load for the JTAG Interface
Table 15. JTAG AC Timing Specifications (Independent of SYSCLK)
(1)at Recommended Operating Conditions
(see Table 3 on page 12)
Symbol
Parameter
Min
Max
Unit
fTCLK
TCK frequency of operation
0
33.3
MHz
t
TCLK
TCK cycle time
30
–
ns
tJHJL
TCK clock pulse width measured at 1.4V
15
–
ns
tJR and tJF
TCK rise and fall times
0
2
ns
t
TRST
(2)
TRST assert time
25
–
ns
t
DVJH
(3)
tIVJH
Input Setup Times:
Boundary-scan data
TMS, TDI
4
0
–
–
ns
tDXJH
(3)
tIXJH
Input Hold Times:
Boundary-scan data
TMS, TDI
20
25
–
–
ns
tJLDV
(4)
t
JLOV
Valid Times:
Boundary-scan data
TDO
4
4
20
25
ns
t
JLDX
(4)
t
JLOX
Output hold times:
Boundary-scan data
TDO
TBD
TBD
TBD
TBD
t
JLDZ
(4)(5)
tJLOZ
TCK to output high impedance:
Boundary-scan data
TDO
3
3
19
9
ns
Output
Z0 = 50Ω
RL = 50Ω
OVDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com