Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0100Z Datasheet(PDF) 106 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 106 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 102Page - NXP Semiconductors MMPF0100Z Datasheet HTML 103Page - NXP Semiconductors MMPF0100Z Datasheet HTML 104Page - NXP Semiconductors MMPF0100Z Datasheet HTML 105Page - NXP Semiconductors MMPF0100Z Datasheet HTML 106Page - NXP Semiconductors MMPF0100Z Datasheet HTML 107Page - NXP Semiconductors MMPF0100Z Datasheet HTML 108Page - NXP Semiconductors MMPF0100Z Datasheet HTML 109Page - NXP Semiconductors MMPF0100Z Datasheet HTML 110Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 128 page
background image
106
NXP Semiconductors
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
66
SWBSTCTL
R/W
8'b0xx0_10xx
–
SWBST1STBYMODE[1:0]
–
SWBST1MODE[1:0]
SWBST1VOLT[1:0]
0
x
x
010
x
x
6A
VREFDDRCTL
R/W
8'b000x_0000
––
–
VREFDDREN
–
–
–
–
00
0
x
0
0
0
0
6B
VSNVSCTL
R/W
8'b0000_0xxx
––
–
–
–
VSNVSVOLT[2:0]
0
0
0
000
x
x
6C
VGEN1CTL
R/W
8'b000x_xxxx
–
VGEN1LPWR
VGEN1STBY
VGEN1EN
VGEN1[3:0]
00
0
x
x
x
x
x
6D
VGEN2CTL
R/W
8'b000x_xxxx
–
VGEN2LPWR
VGEN2STBY
VGEN2EN
VGEN2[3:0]
00
0
x
x
x
x
x
6E
VGEN3CTL
R/W
8'b000x_xxxx
–
VGEN3LPWR
VGEN3STBY
VGEN3EN
VGEN3[3:0]
00
0
x
x
x
x
x
6F
VGEN4CTL
R/W
8'b000x_xxxx
–
VGEN4LPWR
VGEN4STBY
VGEN4EN
VGEN4[3:0]
00
0
x
x
x
x
x
70
VGEN5CTL
R/W
8'b000x_xxxx
–
VGEN5LPWR
VGEN5STBY
VGEN5EN
VGEN5[3:0]
00
0
x
x
x
x
x
71
VGEN6CTL
R/W
8'b000x_xxxx
–
VGEN6LPWR
VGEN6STBY
VGEN6EN
VGEN6[3:0]
00
0
x
x
x
x
x
7F
Page Register
R/W
8'b0000_0000
––
–
PAGE[4:0]
0
0
0
000
0
0
Table 136. Extended page 1
Address
Register Name
TYPE
Default
BITS[7:0]
7
6
5
4
3
2
1
0
80
OTP FUSE READ
EN
R/W
8'b000x_xxx0
––
–
–
–––
OTP FUSE
READ EN
00
0
x
x
x
x0
84
OTP LOAD MASK
R/W
8'b0000_0000
START
RL PWBRTN
FORCE PWRCTL
RL PWRCTL
RL OTP
RL OTP ECC
RL OTP
FUSE
RL TRIM
FUSE
00
0
0
000
0
8A
OTP ECC SE1
R
8'bxxx0_0000
–
–
–
ECC5_SE
ECC4_SE
ECC3_SE
ECC2_SE
ECC1_SE
xx
x
0
0
0
0
0
8B
OTP ECC SE2
R
8'bxxx0_0000
–
–
–
ECC10_SE
ECC9_SE
ECC8_SE
ECC7_SE
ECC6_SE
xx
x
0
0
0
0
0
8C
OTP ECC DE1
R
8'bxxx0_0000
–
–
–
ECC5_DE
ECC4_DE
ECC3_DE
ECC2_DE
ECC1_DE
xx
x
0
0
0
0
0
Table 135. Functional page (continued)
Add
Register
Name
R/W
Default
BITS[7:0]
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com