Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8563 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 8563
Description  AXL E S3 DI8 DO4 2A M12 6P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8563 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  8563 Datasheet HTML 1Page - PHOENIX CONTACT 8563 Datasheet HTML 2Page - PHOENIX CONTACT 8563 Datasheet HTML 3Page - PHOENIX CONTACT 8563 Datasheet HTML 4Page - PHOENIX CONTACT 8563 Datasheet HTML 5Page - PHOENIX CONTACT 8563 Datasheet HTML 6Page - PHOENIX CONTACT 8563 Datasheet HTML 7Page - PHOENIX CONTACT 8563 Datasheet HTML 8Page - PHOENIX CONTACT 8563 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AXL E S3 DI8 DO4 2A M12 6P
8563_en_04
PHOENIX CONTACT
5
Sercos
Equipment type
Sercos slave
Device profile
FSP_IO
Sercos protocols
Sercos, S/IP
Additional protocols
HTTP, TFTP, FTP
Specification
Sercos specification 1.1.2
Supply: Module electronics and sensors (U
S)
Connection method
M12 connector (T-coded)
Number of positions
4
Supply voltage
24 V DC
Nominal supply voltage range
18 V DC ... 31.2 V DC (including all tolerances, including ripple)
Typical current consumption
140 mA ±15 % (at 24 V DC)
Current consumption
max. 12 A
Supply: Actuators (U
A)
Connection method
M12 connector (T-coded)
Number of positions
4
Supply voltage
24 V DC
Nominal supply voltage range
18 V DC ... 31.2 V DC (including all tolerances, including ripple)
Typical current consumption
30 mA ±15 % (at 24 V DC)
Current consumption
max. 12 A
Digital inputs
Number of inputs
8 (EN 61131-2 types 1 and 3)
Connection method
M12 connector, double occupancy
Connection method
2, 3, 4-wire
Nominal input voltage
24 V DC
Nominal input current
typ. 3 mA
Sensor current per channel
typ. 0.75 mA (from U
S)
Total sensor current
max. 0.6 A (per device)
Input voltage range "0" signal
-30 V DC ... 5 V DC
Input voltage range "1" signal
11 V DC ... 30 V DC
Input filter time
< 1000 µs
Permissible conductor length to the sensor
30 m
Overload protection, short-circuit protection of sensor supply
Yes
Digital outputs
Number of outputs
4
Connection method
M12 connector, (A-coded)
Connection method
2, 3-wire
Nominal output voltage
24 V DC
Maximum output current per channel
2 A
Nominal load, ohmic
12 W (48 Ω; with nominal voltage)
Nominal load, inductive
12 VA (1.2 H; 48 Ω; with nominal voltage)
Signal delay
max. 150 µs (when switched on)
max. 200 µs (when switched off)
Switching frequency
max. 5500 per second (with at least 50 mA load current)
Switching frequency
max. 1 per second (with inductive load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com