Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8563 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 8563
Description  AXL E S3 DI8 DO4 2A M12 6P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8563 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  8563 Datasheet HTML 1Page - PHOENIX CONTACT 8563 Datasheet HTML 2Page - PHOENIX CONTACT 8563 Datasheet HTML 3Page - PHOENIX CONTACT 8563 Datasheet HTML 4Page - PHOENIX CONTACT 8563 Datasheet HTML 5Page - PHOENIX CONTACT 8563 Datasheet HTML 6Page - PHOENIX CONTACT 8563 Datasheet HTML 7Page - PHOENIX CONTACT 8563 Datasheet HTML 8Page - PHOENIX CONTACT 8563 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1Description
Axioline E Sercos device, plastic housing,
8 inputs, 4 outputs, 24 V DC,
M12 fast connection technology
AXL E S3 DI8 DO4 2A M12 6P
© PHOENIX CONTACT
Data sheet
The Axioline E device is designed for use within a Sercos
®
network.
It is used to acquire and output digital signals.
Sercos features
–
Connection to Sercos network
using M12 connectors (D-coded)
–
Transmission speed 100 Mbps
–
Minimum cycle time of 250 µs
–
2 Ethernet ports (with integrated switch)
–
Sercos communication profiles:
SCP_FixCFG_02hex, SCP_Diag, SCP_NRTPC,
SCP_WDCon, SCP_Sync_02hex, SCP_SIP,
SCP_TFTP, SPC_Cyc
–
Device description by means of SDDml
–Firmware can be updated
–
Integrated web server for web-based management
General features
–
Connection of digital sensors and actuators
to M12 connectors (A-coded)
–
Diagnostic and status indicators
–
Short-circuit and overload protection
of the sensor supply
–
IP65/67 degree of protection
This data sheet is only valid in association with the associated user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
8563_en_04
2015-09-17


Similar Part No. - 8563

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856302 TRIQUINT-856302 Datasheet
480Kb / 5P
881.5 MHz SAW Filter
logo
TE Connectivity Ltd
856313-9 TEC-856313-9 Datasheet
4Mb / 4P
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
logo
TriQuint Semiconductor
856314 TRIQUINT-856314 Datasheet
614Kb / 5P
140 MHz SAW Filter
856314 TRIQUINT-856314 Datasheet
655Kb / 6P
140 MHz SAW Filter
856314-EVB TRIQUINT-856314-EVB Datasheet
655Kb / 6P
140 MHz SAW Filter
More results

Similar Description - 8563

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8428 PHOENIX-8428 Datasheet
339Kb / 28P
AXL E EIP DI8 DO4 2A M12 6P
8438 PHOENIX-8438 Datasheet
290Kb / 17P
AXL E PB DI8 DO4 2A M12 6P
8449 PHOENIX-8449 Datasheet
301Kb / 18P
AXL E PN DI8 DO4 2A M12 6P
8543 PHOENIX-8543 Datasheet
333Kb / 25P
AXL E EC DI8 DO4 2A M12 6P
8553 PHOENIX-8553 Datasheet
320Kb / 22P
AXL E ETH DI8 DO4 2A M12 6P
8558 PHOENIX-8558 Datasheet
323Kb / 23P
AXL E S3 DI8 DO4 2A M12 6M
8560 PHOENIX-8560 Datasheet
324Kb / 23P
AXL E S3 DI8 DO8 M12 6P
2701502 PHOENIX-2701502 Datasheet
1Mb / 33P
Digital module - AXL E PB DI8 DO4 2A M12 6P
2701535 PHOENIX-2701535 Datasheet
1Mb / 31P
Digital module - AXL E ETH DI8 DO4 2A M12 6P
2701546 PHOENIX-2701546 Datasheet
1Mb / 31P
Digital module - AXL E S3 DI8 DO4 2A M12 6P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com