Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8563 Datasheet(PDF) 22 Page - PHOENIX CONTACT

Part # 8563
Description  AXL E S3 DI8 DO4 2A M12 6P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8563 Datasheet(HTML) 22 Page - PHOENIX CONTACT

Back Button 8563 Datasheet HTML 15Page - PHOENIX CONTACT 8563 Datasheet HTML 16Page - PHOENIX CONTACT 8563 Datasheet HTML 17Page - PHOENIX CONTACT 8563 Datasheet HTML 18Page - PHOENIX CONTACT 8563 Datasheet HTML 19Page - PHOENIX CONTACT 8563 Datasheet HTML 20Page - PHOENIX CONTACT 8563 Datasheet HTML 21Page - PHOENIX CONTACT 8563 Datasheet HTML 22Page - PHOENIX CONTACT 8563 Datasheet HTML 23Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
AXL E S3 DI8 DO4 2A M12 6P
8563_en_04
PHOENIX CONTACT
22
20.1
Assignment of the terminal points to the OUT process data (S-0-1502.0.05)
The I/O data is mapped as follows:
Key:
20.2
Assignment of the terminal points to the IN process data (S-0-1503.0.09)
The I/O data is mapped as follows:
Key:
20.3
Assignment of the DIAGIN process data (S-0-1502.0.17/S-0-1503.0.17)
4 bytes of DIAG IN data are available per function group.
Output process data (S-0-1502.0.05)
Byte
Byte 0
Bit
7
6
543210
OUT
 -
 --  -03
02
01
00
Connection
----
X08
X07
X06
X05
Pin
----
4444
DO
----
4321
Bit:
Process data assignment
OUT:
LED marking
DO:
Output of the device
Input process data (S-0-1503.0.09)
Byte
Byte 0
Bit
7
6
543210
IN
07
06
05
04
03
02
01
00
Connection
X04
X03
X02
X01
Pin
2
4
242424
DI
87
654321
Bit:
Process data assignment
IN:
LED marking
DI:
Input of the device
Bit 31 ... bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Supply of the module electronics and sensors
(U
S)
Supply of the actuators (U
A)Outputs
Reserved
Undervoltage
Overload
Undervoltage
Short-circuit
Overload
Short-circuit
Not all diagnostic data are mapped in the process data, see chapter "Diagnostics: I/O and channel errors".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com