Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8563 Datasheet(PDF) 15 Page - PHOENIX CONTACT

Part # 8563
Description  AXL E S3 DI8 DO4 2A M12 6P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8563 Datasheet(HTML) 15 Page - PHOENIX CONTACT

Back Button 8563 Datasheet HTML 11Page - PHOENIX CONTACT 8563 Datasheet HTML 12Page - PHOENIX CONTACT 8563 Datasheet HTML 13Page - PHOENIX CONTACT 8563 Datasheet HTML 14Page - PHOENIX CONTACT 8563 Datasheet HTML 15Page - PHOENIX CONTACT 8563 Datasheet HTML 16Page - PHOENIX CONTACT 8563 Datasheet HTML 17Page - PHOENIX CONTACT 8563 Datasheet HTML 18Page - PHOENIX CONTACT 8563 Datasheet HTML 19Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
AXL E S3 DI8 DO4 2A M12 6P
8563_en_04
PHOENIX CONTACT
15
11
Sercos realtime connections
The device supports a maximum of two realtime data con-
nections (S-0-1050.0.x and S-1050.1.x), with a maximum of
one consumer and one producer connection.
12
Sercos profiles, classes and func-
tion groups
The following Sercos profiles, classes, and function groups
are implemented in the device.
12.1
Sercos device profile
(GDP: Generic device profile)
–
Basic device profile (GDP_Basic)
–
Diagnostics (FG_Diagnosis)
–
Administration (FG_Administration)
–
Device identification (FG_Identification)
–
Revisions (GDP_Rev)
–Password (GDP_PWD)
–
Diagnostic records (GDP_DiagT)
–
Extended diagnostic records (GDP_DiagTAdv)
–Restart (GDP_RST)
12.2
Sercos communication model
(SCP: Sercos communication profiles)
–
Fixed configuration (SCP_FixCFG_02hex)
–
Diagnostics (SCP_Diag)
–
Non-realtime channel (SCP_NRTPC)
–
Consumer connection monitoring (SCP_WDCon)
–
Synchronous and isochronous producer and consumer
data (SCP_Sync_02hex)
–
Support for SCP_SIP and SCP_TFTP, TFTP is only ac-
tive if it was activated via WBM.
–
Cyclic data exchange (SCP_Cyc)
12.3
Sercos function model
(FSP: Function specific profile IO)
–I/O function model (FSP_IO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com