Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8563 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 8563
Description  AXL E S3 DI8 DO4 2A M12 6P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8563 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 8563 Datasheet HTML 7Page - PHOENIX CONTACT 8563 Datasheet HTML 8Page - PHOENIX CONTACT 8563 Datasheet HTML 9Page - PHOENIX CONTACT 8563 Datasheet HTML 10Page - PHOENIX CONTACT 8563 Datasheet HTML 11Page - PHOENIX CONTACT 8563 Datasheet HTML 12Page - PHOENIX CONTACT 8563 Datasheet HTML 13Page - PHOENIX CONTACT 8563 Datasheet HTML 14Page - PHOENIX CONTACT 8563 Datasheet HTML 15Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AXL E S3 DI8 DO4 2A M12 6P
8563_en_04
PHOENIX CONTACT
11
9
Configuration via rotary encoding switch
You can configure the address assignment and other func-
tions using rotary encoding switches.
After modifying the switch position, restart the device, as the
modification to the switch position does not take effect dur-
ing operation.
Figure 8
Rotary encoding switch
The code results from the sum of S1 x 10 plus S2 x 1. The
image shows the code and therefore Sercos address 77
(7 x 10 + 7).
9.1
Manual address assignment
Switch position 01 ... 159
The devices are automatically assigned addresses by the
Sercos master via remote address assignment as standard.
Set the Sercos address manually with this switch position.
Remote address assignment, e.g., via an engineering tool,
is deactivated.
9.2
Resetting to the default settings
Switch position 0F
All settings are reset to the delivery state.
9.3
Reserved/invalid switch position
The device starts with the previous settings, e.g.,  with the
settings that were valid before the device was restarted.
S1
S2
Code
Function
0
0
00
Remote address assignment
(Default)
0 ... 15
0 ... 09
01 ... 159
Manual address assignment
0
F
0F
Resetting to the default
settings
Other
Reserved
0
2
4
6
8
9
A
B
C
D
E F
S2
x1
0
2
4
6
8
10
12
14
S1
x10
The device is ready for operation after power-
ing up, as soon as the RDY LED lights up
green.
A connection to the device however cannot be
established in this switch position.
As soon as the RDY LED lights up green, a
new switch position can be selected on the ro-
tary encoding switch and the device can be
restarted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com