Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8563 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # 8563
Description  AXL E S3 DI8 DO4 2A M12 6P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8563 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 8563 Datasheet HTML 10Page - PHOENIX CONTACT 8563 Datasheet HTML 11Page - PHOENIX CONTACT 8563 Datasheet HTML 12Page - PHOENIX CONTACT 8563 Datasheet HTML 13Page - PHOENIX CONTACT 8563 Datasheet HTML 14Page - PHOENIX CONTACT 8563 Datasheet HTML 15Page - PHOENIX CONTACT 8563 Datasheet HTML 16Page - PHOENIX CONTACT 8563 Datasheet HTML 17Page - PHOENIX CONTACT 8563 Datasheet HTML 18Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
AXL E S3 DI8 DO4 2A M12 6P
8563_en_04
PHOENIX CONTACT
14
10.2
Input and output indicators
Figure 10
Input and output indicators
Designation
Color
Meaning
State
Description
00 ... 07
Yellow
Status of the inputs
ON
Input is set.
OFF
Input is not set.
00 ... 03
Yellow/red
Status of the outputs
Yellow ON Output is set.
Red ON
Output is short circuited or overloaded.
OFF
Output is not set.
The numbering of the LEDs is as follows: the first number specifies the byte, the second number specifies the
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com