Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8563 Datasheet(PDF) 16 Page - PHOENIX CONTACT

Part # 8563
Description  AXL E S3 DI8 DO4 2A M12 6P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8563 Datasheet(HTML) 16 Page - PHOENIX CONTACT

Back Button 8563 Datasheet HTML 12Page - PHOENIX CONTACT 8563 Datasheet HTML 13Page - PHOENIX CONTACT 8563 Datasheet HTML 14Page - PHOENIX CONTACT 8563 Datasheet HTML 15Page - PHOENIX CONTACT 8563 Datasheet HTML 16Page - PHOENIX CONTACT 8563 Datasheet HTML 17Page - PHOENIX CONTACT 8563 Datasheet HTML 18Page - PHOENIX CONTACT 8563 Datasheet HTML 19Page - PHOENIX CONTACT 8563 Datasheet HTML 20Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
AXL E S3 DI8 DO4 2A M12 6P
8563_en_04
PHOENIX CONTACT
16
13
Sercos parameter
The following table lists all Sercos parameters (S and P parameters) with important features that have been implemented in
the device.
IDN (Identifica-
tion number)
Name
Default values
Unit
S-0-0014
Interface status
-
-
S-0-0015.0.0
Telegram type
-
-
S-0-0017
IDN list of all operation data
-
-
S-0-0021
IDN list of invalid operation data for CP2
-
-
S-0-0022
IDN list of invalid operation data for CP3
-
-
S-0-0025
IDN list of all procedure commands
-
-
S-0-0095
Diagnostic message
-
-
S-0-0099
Reset class 1 diagnostic (process command)
-
-
S-0-0127
CP3 transition check (process command)
-
-
S-0-0128
CP4 transition check (process command)
-
-
S-0-0267
Password
PW170875
-
S-0-0279
IDN-list of password protected data
-
-
S-0-0390
Diagnostic number
-
-
S-0-398
IDN list of configurable data as producer
-
-
S-0-399
IDN list of configurable data as consumer
-
-
S-0-1000
SCP type & version
-
-
S-0-1002
Communication cycle time (t
Scyc)-
μs
S-0-1003
Allowed MST losses in CP3/CP4
10
-
S-0-1005
Minimum feedback processing time (t5)
-
μs
S-0-1006
AT0 transmission starting time (t1)
-
μs
S-0-1007
Feedback acquisition capture point (t4)
-
μs
S-0-1008
Command value valid time (t3)
-
μs
S-0-1009
Device control (C-Dev) offset in MDT
-
-
S-0-1010
Length of MDTs
-
-
S-0-1011
Device status (S-Dev) offset in AT
-
-
S-0-1012
Length of ATs
-
-
S-0-1013
SVC offset in MDT
-
-
S-0-1014
SVC offset in AT
-
-
S-0-1015
Ring delay
-
μs
S-0-1016
Slave delay
-
μs
S-0-1017
NRT transmission time
-
μs
S-0-1019
MAC address
00.A0.45.xx.xx.xx
-
S-0-1020
IP address
192.168.0.20
-
S-0-1020.0.1
Current IP address
192.168.0.20
-
S-0-1021
Subnet mask
255.255.255.0
-
S-0-1021.0.1
Current subnet mask
255.255.255.0
-
S-0-1022
Gateway address
192.168.0.1
-
S-0-1022.0.1
Current gateway address
192.168.0.1
-
S-0-1023
SYNC jitter
-
μs
S-0-1024
SYNC delay measuring procedure command
(process command)
-
-
S-0-1026
Version of communication hardware
-
-
S-0-1027.0.1
Requested MTU
-
-
S-0-1027.0.2
Effective MTU
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com