Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8563 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 8563
Description  AXL E S3 DI8 DO4 2A M12 6P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8563 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 8563 Datasheet HTML 8Page - PHOENIX CONTACT 8563 Datasheet HTML 9Page - PHOENIX CONTACT 8563 Datasheet HTML 10Page - PHOENIX CONTACT 8563 Datasheet HTML 11Page - PHOENIX CONTACT 8563 Datasheet HTML 12Page - PHOENIX CONTACT 8563 Datasheet HTML 13Page - PHOENIX CONTACT 8563 Datasheet HTML 14Page - PHOENIX CONTACT 8563 Datasheet HTML 15Page - PHOENIX CONTACT 8563 Datasheet HTML 16Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
AXL E S3 DI8 DO4 2A M12 6P
8563_en_04
PHOENIX CONTACT
12
10
Local status and diagnostic indicators
10.1
Indicators for Ethernet ports and power supply
Figure 9
Indicators for Ethernet ports and power supply
Designation
Color
Meaning
State
Description
LNK 1/2
Green
Link
Green ON
Connection present at port 1/2.
OFF
Connection not present at port 1/2.
ACT 1/2
Yellow
Activity
Yellow ON
Data transmission present at port 1/2.
OFF
Data transmission not present at port 1/2.
RDY
Green/
yellow/red
Ready
Green ON
Device is ready for operation.
Yellow
flashing
Firmware update is being performed.
Flashing
green/
yellow
Over- or undervoltage at U
S
Temperature of the device is in the critical area.
Failure of the actuator supply U
A
Surge voltage/undervoltage of the actuator supply U
A
And red US LED: sensor supply overload
Red ON
Rotary encoding switches are set to an invalid/reserved position.
OFF
Device is not ready for operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com