Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8563 Datasheet(PDF) 23 Page - PHOENIX CONTACT

Part # 8563
Description  AXL E S3 DI8 DO4 2A M12 6P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8563 Datasheet(HTML) 23 Page - PHOENIX CONTACT

Back Button 8563 Datasheet HTML 15Page - PHOENIX CONTACT 8563 Datasheet HTML 16Page - PHOENIX CONTACT 8563 Datasheet HTML 17Page - PHOENIX CONTACT 8563 Datasheet HTML 18Page - PHOENIX CONTACT 8563 Datasheet HTML 19Page - PHOENIX CONTACT 8563 Datasheet HTML 20Page - PHOENIX CONTACT 8563 Datasheet HTML 21Page - PHOENIX CONTACT 8563 Datasheet HTML 22Page - PHOENIX CONTACT 8563 Datasheet HTML 23Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
AXL E S3 DI8 DO4 2A M12 6P
8563_en_04
23
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
phoenixcontact.com
21
Delivery state/default settings
By default upon delivery, the following functions and fea-
tures are available:
IP settings
Firmware update
Web-based Management (WBM)
22
Restoring the default settings
The following options are available for restoring the default
settings:
Rotary encoding switch
Switch position 0F, for further information see section “Con-
figuration via rotary coding switch”.
Web-based Management (WBM)
Navigate to “Manage > Default settings” and follow the in-
structions.
23
Firmware started
Once you have connected the power, the firmware is
started.
After completion of the firmware boot process, the RDY LED
lights up green.
24
Firmware update
In order to update the firmware of the device, the device
must be provided with a firmware container via a TFTP
server or it must be loaded onto the device via FTP. Any FTP
client or TFTP server can be used for this. The update must
always be initiated by the web-based management. When
carrying out the firmware update, the RDY LED flashes yel-
low.
25
WBM - Web-based management
The device has a web server, which generates the required
pages for web-based management and, depending on the
requirements of the user, sends them to a standard web
browser. Web-based management can be used to access
static information (e.g., technical data, MAC address) or dy-
namic information (e.g., IP address, status information).
Calling web-based management
The device web server can be addressed using the IP ad-
dress if configured accordingly. The homepage (web page)
of the device is accessed by entering the URL “http://ip-ad-
dress”.
Example: http://192.168.0.20
The default user name is “admin”, the default password is
“private”.
26
Device description file (SDDml)
A configuration file (SDDml) is provided for parameterization
in an engineering system.
Parameterization can then be carried out by the Sercos
master.
If several versions of the configuration file are available,
make sure that you are working with the file version that cor-
responds to the firmware/hardware version used.
Sercos address:
1
IP address:
192.168.0.20
Subnet mask:
255.255.255.0
Gateway address:
192.168.0.1
Firmware update on next re-
start:
deactivated
TFTP server IP address:
192.168.210.211
Firmware file name:
FIRMWARE.NXF
User name:
admin
Password:
private
If you cannot access the WBM pages, check
the connection settings in your browser and
deactivate the proxy, if set.
For the latest device description files, visit
phoenixcontact.net/products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com