Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8563 Datasheet(PDF) 17 Page - PHOENIX CONTACT

Part # 8563
Description  AXL E S3 DI8 DO4 2A M12 6P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8563 Datasheet(HTML) 17 Page - PHOENIX CONTACT

Back Button 8563 Datasheet HTML 13Page - PHOENIX CONTACT 8563 Datasheet HTML 14Page - PHOENIX CONTACT 8563 Datasheet HTML 15Page - PHOENIX CONTACT 8563 Datasheet HTML 16Page - PHOENIX CONTACT 8563 Datasheet HTML 17Page - PHOENIX CONTACT 8563 Datasheet HTML 18Page - PHOENIX CONTACT 8563 Datasheet HTML 19Page - PHOENIX CONTACT 8563 Datasheet HTML 20Page - PHOENIX CONTACT 8563 Datasheet HTML 21Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
AXL E S3 DI8 DO4 2A M12 6P
8563_en_04
PHOENIX CONTACT
17
S-0-1028
Error counter MST-P/S
-
-
S-0-1031
Test pin assignment port 1 and port 2
-
-
S-0-1035
Error counter port1 and port2
-
-
S-0-1036
Inter frame gap
-
-
S-0-1037
Slave jitter
-
-
S-0-1040
Sercos address
1
-
S-0-1041
AT command value valid time (t9)
-
μs
S-0-1044
Device control
-
-
S-0-1045
Device status
-
-
S-0-1047
Maximum consumer activation time (t11)
-
μs
S-0-1048
Procedure command – Activate IP settings
-
-
S-0-1050.x.1
Connection setup
-
-
S-0-1050.x.2
Connection number
-
-
S-0-1050.x.3
Telegram assignment
-
-
S-0-1050.x.4
Max. length of connection
-
-
S-0-1050.x.5
Current length of connection
-
-
S-0-1050.x.6
Configuration list
-
-
S-0-1050.x.8
Connection control
-
-
S-0-1050.x.10
Producer cycle time
-
μs
S-0-1050.x.11
Allowed data losses
-
-
S-0-1050.x.12
Error counter data losses
-
-
S-0-1050.x.20
IDN allocation of real-time bit
-
-
S-0-1050.x.21
Bit allocation of real-time bit
-
-
S-0-1051
Image of connection setups
-
-
S-0-1300.0.1
Component name
Sercos block terminal
-
S-0-1300.0.2
Vendor name
Phoenix Contact
-
S-0-1300.0.3
Vendor code
200
-
S-0-1300.0.4
Device name
AXL E S3 DI8 DO4 2A M12 6P
-
S-0-1300.0.5
Device ID
2701546
-
S-0-1300.0.7
Function revision
-
-
S-0-1300.0.8
Hardware revision
-
-
S-0-1300.0.9
Software revision
-
-
S-0-1300.0.10
Firmware loader revision
-
-
S-0-1300.0.11
Order number
2701546
-
S-0-1300.0.12
Serial number
xxxx...
-
S-0-1300.0.13
Manufacturing date parameter
YYYY-MM-DD T HH:MM:SS Z
-
S-0-1300.0.14
QA date
YYYY-MM-DD T HH:MM:SS Z
(date and time of final manufacturing test)
-
S-0-1300.0.20
Operational hours
Operating hours counter
h
S-0-1300.0.21
Service date
YYYY-MM-DD T HH:MM:SS Z
(date and time of a service)
-
S-0-1301
List of GDP classes & version
0101
hex
-
S-0-1302.0.1
FSP type & version
00010001
hex
-
S-0-1302.0.2
Function groups
S-0-1500.0.0 (IO bus coupler)
-
S-0-1502.0.0 (Digital output)
-
S-0-1503.0.0 (Digital input)
-
S-0-1302.0.3
Application type
-
-
S-0-1303.0.01*
Diagnosis trace configuration
-
-
S-0-1303.0.02
Diagnosis trace control
-
-
IDN (Identifica-
tion number)
Name
Default values
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com