Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JD13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JD13
Description  Preliminary Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JD13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JD13 Datasheet HTML 1Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 2Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 3Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 4Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 5Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 6Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 7Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 8Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Model No.TM040YDHG32
The information contained herein is the exclusive property of TIANMA MICRO-ELECTRONICS Corporation
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
TIANMA MICRO-ELECTRONICS Corporation.
Page 1 of 22
MODEL NO
:
TM040YDHG32
MODEL VERSION:
00
SPEC VERSION :
2.0
ISSUED DATE:
2018-10-25
□Preliminary Specification
■Final Product Specification
Customer :
Approved by
Notes
TIANMA Confirmed :
Prepared by
Checked by
Approved by
Allen.Yin
Zhijie.Song
Xiaoxing.Ding
This technical specification is subjected to change without notice


Similar Part No. - JD13

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
JD1-0001NL PULSE-JD1-0001NL Datasheet
852Kb / 5P
CONN,RJ45,1X1,100D,1:1,TU
JD1-0002NL PULSE-JD1-0002NL Datasheet
866Kb / 5P
CONN,RJ45,1X1,100D,1:1,TU
JD1-0003NL PULSE-JD1-0003NL Datasheet
796Kb / 5P
CONN,RJ45,1X1,100D,1:1,TU
JD1-0004NL PULSE-JD1-0004NL Datasheet
824Kb / 5P
CONN,RJ45,1X1,100D,1:1,TU
logo
ATGBICS by Approved Tec...
JD102B-C ATGBICS-JD102B-C Datasheet
339Kb / 10P
JD102B HPE Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
More results

Similar Description - JD13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC104S1 ETC1-LC104S1 Datasheet
708Kb / 28P
PRELIMINARY SPECIFICATION
logo
Vectron International, ...
TFS43A VECTRON-TFS43A Datasheet
68Kb / 5P
Preliminary Specification
TFS85F VECTRON-TFS85F Datasheet
127Kb / 5P
Preliminary specification
TFS868B VECTRON-TFS868B Datasheet
72Kb / 5P
Preliminary specification
TFS1960 VECTRON-TFS1960 Datasheet
74Kb / 5P
Preliminary Specification
TFS100C VECTRON-TFS100C Datasheet
39Kb / 5P
Preliminary Specification
TFS525 VECTRON-TFS525 Datasheet
73Kb / 5P
Preliminary specification
TFS238A VECTRON-TFS238A Datasheet
113Kb / 5P
Preliminary Specification
logo
Shenzhen TOPWAY Technol...
LMT040DNPFWD TOPWAY-LMT040DNPFWD Datasheet
1Mb / 23P
Preliminary Specification
LMT070DNDFWD TOPWAY-LMT070DNDFWD Datasheet
1Mb / 21P
Preliminary Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com