Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JD13 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # JD13
Description  Preliminary Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JD13 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button JD13 Datasheet HTML 10Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 11Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 12Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 13Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 14Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 15Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 16Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 17Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Model No.TM040YDHG32
The information contained herein is the exclusive property of TIANMA MICRO-ELECTRONICS Corporation
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
TIANMA MICRO-ELECTRONICS Corporation.
Page 14 of 22
6 T-LCM Optical Characteristics
Item
Symbol Condition
Min
Typ
Max
Unit
Remark
View Angles
θT
CR 10
≧
70
80
Degree Note2,3
θB
70
80
θL
70
80
θR
70
80
Contrast Ratio
CR
θ=0o
600
800
Note 3
Response Time
TON
25℃
25
35
ms
Note 4
TOFF
Chromaticity
White
x
Backlight is
on
0.273
0.313
0.353
Note 1,5
y
0.289
0.329
0.369
Red
x
0.594
0.634
0.674
Note 1,5
y
0.289
0.329
0.369
Green
x
0.283
0.323
0.363
Note 1,5
y
0.576
0.616
0.656
Blue
x
0.112
0.152
0.192
Note 1,5
y
0.023
0.063
0.103
Uniformity
U
80
85
%
Note 6
NTSC
62
67
%
Note 5
Luminance
L
500
550
cd/m2
Note 7
Test Conditions:
1. IF= 20 mA, and the ambient temperature is 25 .
℃
2. The test systems refer to Note 1 and Note 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com