Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JD13 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # JD13
Description  Preliminary Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JD13 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button JD13 Datasheet HTML 2Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 3Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 4Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 5Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 6Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 7Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 8Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 9Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Model No.TM040YDHG32
The information contained herein is the exclusive property of TIANMA MICRO-ELECTRONICS Corporation
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
TIANMA MICRO-ELECTRONICS Corporation.
Page 6 of 22
3 Absolute Maximum Ratings
Ta = 25
℃
Item
Symbol
MIN
MAX
Unit
Remark
Logic Supply Voltage
IOVDD(LCD)
-0.3
3.6
V
Note1
Power Supply Voltage
VDD(LCD)
-0.3
5.5
V
Logic Input voltage
I/O PINS(LCD)
-0.3
IOVDD+0.5
V
Back Light Forward
Current
ILED
25
mA
One LED
Operating Temperature
TOPR
-20
70
℃
Storage Temperature
TSTG
-30
80
℃
Relative Humidity
Note2
RH
--
≤
95
%
Ta≤40
℃
--
≤
85
%
40
℃<Ta≤50℃
--
≤
55
%
50
℃<Ta≤60℃
--
≤
36
%
60
℃<Ta≤70℃
--
≤
24
%
70
℃<Ta≤80℃
Absolute Humidity
AH
--
≤
70
g/m
³
Ta
>70℃
Table 3 Absolute Maximum Ratings
Note1: Input voltage include DSI_D0P,DSI_D0N ,DSI_D1P,DSI_D1N , DSI_CP, DSI_CN, RST
Note2: Ta means the ambient temperature.
It is necessary to limit the relative humidity to the specified temperature range.
Condensation on the module is not allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com