Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JD13 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # JD13
Description  Preliminary Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JD13 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button JD13 Datasheet HTML 13Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 14Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 15Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 16Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 17Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 18Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 19Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 20Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Model No.TM040YDHG32
The information contained herein is the exclusive property of TIANMA MICRO-ELECTRONICS Corporation
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
TIANMA MICRO-ELECTRONICS Corporation.
Page 17 of 22
7 Environmental / Reliability Test
No
Test Item
Condition
Remarks
1
High Temperature
Operation
Ts = +70 , 240 hours
℃
IEC60068-2-1:2007
GB2423.2-2008
2
Low Temperature
Operation
Ta = -20 , 240 hours
℃
IEC60068-2-1:2007
GB2423.1-2008
3
High Temperature
Storage
Ta = +80℃, 240 hours
IEC60068-2-1:2007
GB2423.2-2008
4
Low Temperature
Storage
Ta = -30℃, 240 hours
IEC60068-2-1:2007
GB2423.1-2008
5
Storage at High
Temperature and
Humidity
Ta = +60℃, 90% RH max,240hours
IEC60068-2-78 :2001
GB/T2423.3—2006
6
Thermal Shock
(non-operation)
-30℃ 30 min~+80℃ 30 min,
Change time:5min, 100 Cycle
Start with cold
temperature,
End with high
temperature,
IEC60068-2-14:1984,G
B2423.22-2002
7
ESD
C=150pF
,R=330Ω,5point/panel
Air
:±8kv,5times;
Contact
:±4kv,5times;
(Environment:15℃~35℃,30%~60%,
86Kpa~106Kpa
)
ul 991-2008 Section 15
8
Vibration Test
Frequency range:10~55Hz
Stroke:1.5mm
Sweep:10Hz~55Hz~10Hz
2 hours for each direction of X.Y.Z.
(6 hours for total)
IEC60068-2-6:1982
GB/T2423.10—1995
9
Mechanical Shock
(Non Op)
Half Sine Wave
100G 6ms, ±X,±Y,±Z
3times for each direction
IEC60068-2-27:1987
GB/T2423.5—1995
10 Package Drop Test
Height:60cm,
1corner,3edges,6surfaces
IEC60068-2-32:1990
GB/T2423.8—1995
Note1: Ta is the ambient temperature of sample.
Note2: Before cosmetic and function test, the product must have enough recovery time, at least 2
hours at room temperature.
Note 3: In the standard condition, there shall be no practical problem that may affect the display
function. After the reliability test, the product only guarantees operation, but don’t guarantee all of
the cosmetic specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com