Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JD13 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # JD13
Description  Preliminary Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JD13 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button JD13 Datasheet HTML 14Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 15Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 16Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 17Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 18Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 19Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 20Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 21Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
Model No.TM040YDHG32
The information contained herein is the exclusive property of TIANMA MICRO-ELECTRONICS Corporation
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
TIANMA MICRO-ELECTRONICS Corporation.
Page 22 of 22
10 Precautions for Use of LCD Modules
a. Handling Precautions
i.
The display panel is made of glass. Do not subject it to a mechanical shock by
dropping it from a high place, etc.
ii.
If the display panel is damaged and the liquid crystal substance inside it leaks out, be
sure not to get any in your mouth, if the substance comes into contact with your skin or clothes,
promptly wash it off using soap and water.
iii.
Do not apply excessive force to the display surface or the adjoining areas since this
may cause the color tone to vary.
iv.
The polarizer covering the display surface of the LCD module is soft and easily
scratched. Handle this polarizer carefully.
v.
If the display surface is contaMinated, breathe on the surface and gently wipe it with a
soft dry cloth. If still not completely clear, moisten cloth with one of the following solvents:
-
Isopropyl alcohol
-
Ethyl alcohol
Solvents other than those mentioned above may damage the polarizer. Especially, do not use the
following:
-
Water
-
Ketone
-
Aromatic solvents
vi.
Do not attempt to disassemble the LCD Module.
vii.
If the logic circuit power is off, do not apply the input signals.
viii.
To prevent destruction of the elements by static electricity, be careful to maintain an
optimum work environment.
10.1.8.1 Be sure to ground the body when handling the LCD Modules.
10.1.8.2 Tools required for assembly, such as soldering irons, must be properly ground.
10.1.8.3 To reduce the amount of static electricity generated, do not conduct assembly and
other work under dry conditions.
10.1.8.4 The LCD Module is coated with a film to protect the display surface. Be care when
peeling off this protective film since static electricity may be generated.
b. Storage precautions
i.
When storing the LCD modules, avoid exposure to direct sunlight or to the
light of fluorescent lamps.
ii.
The LCD modules should be stored under the storage temperature range. If the LCD
modules will be stored for a long time, the recommend condition is:
Temperature : 0℃ ~ 40℃ Relatively humidity: ≤80%
iii.
The LCD modules should be stored in the room without acid, alkali and harmful gas.
c.
Transportation Precautions
i.
The LCD modules should be no falling and violent shocking during transportation, and also
should avoid excessive press, water, damp and sunshine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com