Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JD13 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # JD13
Description  Preliminary Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JD13 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  JD13 Datasheet HTML 1Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 2Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 3Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 4Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 5Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 6Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 7Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 8Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Model No.TM040YDHG32
The information contained herein is the exclusive property of TIANMA MICRO-ELECTRONICS Corporation
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
TIANMA MICRO-ELECTRONICS Corporation.
Page 4 of 22
1 General Specifications
Feature
Spec
Display Spec.
Size
3.97 inch
Resolution
480(RGB) x 800
Technology Type
a-Si TFT
Pixel Configuration
R.G.B. Vertical Stripe
Pixel pitch(mm)
0.108 x 0.108
Display Mode
Normally Black
Surface Treatment
LCD Up Polarizer: HC
Viewing Direction
All Direction
Mechanical
Characteristics
LCM (W x H x D) (mm)
56.34x95.70x1.83
Active Area(mm)
51.84(W)x86.40(H)
With /Without TSP
Without TSP
Connection Type
FH35C-25S-0.3SHW
LED Numbers
8LEDs
Weight (g)
22.6
Electrical
Characteristics
Interface
MIPI
Color Depth
16M
Driver IC
HX8369-A01
Note 1: Viewing direction for best image quality is different from TFT definition. There is a 180
degree shift.
Note 2: Requirements on Environmental Protection: Q/S0002
Note 3: LCM weight tolerance: ± 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com