Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JD13 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # JD13
Description  Preliminary Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JD13 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button JD13 Datasheet HTML 14Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 15Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 16Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 17Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 18Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 19Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 20Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 21Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Model No.TM040YDHG32
The information contained herein is the exclusive property of TIANMA MICRO-ELECTRONICS Corporation
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
TIANMA MICRO-ELECTRONICS Corporation.
Page 20 of 22
9
Packing Drawing
No. (序
号)
Item(项目)
Model(Material)
(材料型号)
Dimensions(mm) (规
格)
Unit Weight(Kg)
(单个重量)
Quantity
(数量)
Remark
(备注)
1
LCM module
(模组型号)
TM040YHDG32
56.34x95.70x1.83mm
0.0226
108
2
Tray(吸塑盘)
TM040YVZG31
YBZ1-00
251×351×13.1
0.161
30
Anti-static
3
EPE(珍珠棉1)
MBZ-ZZML1
336×246×6mm
0.01
6
4
EPE(珍珠棉2) MBZ-ZZM15
375×275×10mm
0.014
4
5
EPE(珍珠棉3) MBZ-ZZM16
250×280×12mm
0.015
2
6
Carton(纸箱) X18A
395×290×315mm
0.76
1
7
ES bag(防静电
真空包装袋)
JD13
400×520
0.042
3
8
Total weight(总
重量)
1.025 Kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com