Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JD13 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # JD13
Description  Preliminary Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JD13 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button JD13 Datasheet HTML 3Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 4Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 5Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 6Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 7Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 8Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 9Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 10Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Model No.TM040YDHG32
The information contained herein is the exclusive property of TIANMA MICRO-ELECTRONICS Corporation
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
TIANMA MICRO-ELECTRONICS Corporation.
Page 7 of 22
4 Electrical Characteristics
4.1 Driving TFT LCD
GND=0V, Ta=25
℃
Item
Symbol
MIN
TYP
MAX
Unit
Remark
Logic Supply Voltage
IOVDD
1.65
1.8/2.8
3.3
V
Power Supply
Voltage
VDD
2.3
2.8
3.3
V
Input
Signal
Voltage
Low
Level
VIL
GND
--
0.3* IOVDD
V
High
Level
VIH
0.7*
IOVDD
--
IOVDD
V
Output
Signal
Voltage
Low
Level
VOL
0
--
0.2* IOVDD
V
High
Level
VOH
0.8*
IOVDD
--
IOVDD
V
(Panel+LSI)
Power Consumption
White pattern
Pvcc
--
60
90
mW
VCC=2.8V
IOVCC=1.8V
White pattern
Piovcc
--
0.3
0.45
mW
VCC=2.8V
IOVCC=1.8V
4.2 Driving Backlight
Ta=25℃
Item
Symbol
MIN
TYP
MAX
Unit
Remark
Forward Current
IF
--
20
25
mA
Forward Current Voltage
VF
23.2
25.6
27.2
V
Backlight Power
Consumption
WBL
--
512
--
mW
Life Time
-
10,000
(20,000)
Hrs
Note 1: Each LED: IF=20mA, V=3.2V.
LED connection of backlight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com