Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JD13 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # JD13
Description  Preliminary Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JD13 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button JD13 Datasheet HTML 12Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 13Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 14Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 15Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 16Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 17Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 18Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 19Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Model No.TM040YDHG32
The information contained herein is the exclusive property of TIANMA MICRO-ELECTRONICS Corporation
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
TIANMA MICRO-ELECTRONICS Corporation.
Page 16 of 22
Note 4: Definition of Response time
The response time is defined as the LCD optical switching time interval between “White” state and
“Black” state. Rise time (TON) is the time between photo detector output intensity changed from 90%
to 10%. And fall time (TOFF) is the time between photo detector output intensity changed from 10%
to 90%.
Note 5: Definition of color chromaticity (CIE1931)
Color coordinates measured at center point of LCD.
Note 6: Definition of Luminance Uniformity
Active area is divided into 9 measuring areas (Refer Fig. 2). Every measuring point is placed at the
center of each measuring area.
Luminance Uniformity (U) = Lmin/ Lmax
L-------Active area length W----- Active area width
Lmax: The measured Maximum luminance of all measurement position.
Lmin: The measured Minimum luminance of all measurement position.
Note 7: Definition of Luminance:
Measure the luminance of white state at center point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com