Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JD13 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # JD13
Description  Preliminary Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JD13 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  JD13 Datasheet HTML 1Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 2Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 3Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 4Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 5Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 6Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 7Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 8Page - List of Unclassifed Manufacturers JD13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Model No.TM040YDHG32
The information contained herein is the exclusive property of TIANMA MICRO-ELECTRONICS Corporation
and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of
TIANMA MICRO-ELECTRONICS Corporation.
Page 5 of 22
2 Input/Output Terminals
Recommend connector type: FH35C-25S-0.3SHW
No
Symbol
I/O
Function
Remark
1
GND
P
Power Ground
2
DSI_D1P
I/O
MIPI
lane 1+
3
DSI_D1N
I/O
MIPI
lane 1-
4
GND
P
Power Ground
5
DSI_CP
I/O
MIPI clock +
6
DSI_CN
I/O
MIPI clock -
7
GND
P
Power Ground
8
DSI_D0P
I/O
MIPI lane 0+
9
DSI_D0N
I/O
MIPI lane 0-
10
GND
P
Power Ground
11
GND
P
Power Ground
12
IOVDD
P
I/O Logic power (1.8V)
13
GND
P
Power Ground
14
VDD
P
Analog power 2.8V
15
GND
P
Power Ground
16
MIPI_MODE
I
command/vedio mode selection
0: command mode
1:vedio mode
17
GND
P
Power Ground
18
RST
I
RESET ACTIVE LOW
19
GND
P
Power Ground
20
TE
O
tearing effect output
21
IC_ID
O
LCM ID Pin for customer identify
IC_ID connect to IOVDD
22
GND
P
Power Ground
23
LEDA
P
LED anode
24
LEDK
P
LED cathode
25
GND
P
Power Ground
Note1: I/O definition: I-----Input O---Output P----Power/Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com