Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP288D Datasheet(PDF) 50 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288D
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288D Datasheet(HTML) 50 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288D Datasheet HTML 46Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 47Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 48Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 49Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 50Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 51Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 52Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 53Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 54Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
50
9.4.3 Timeout activity
Refer to REG 34H, there are 2 timers that can be programmed as charging expire time, REG 34H[7:6] for Pre Charge and
REG 34H[1:0] for Fast Charge Mode. When the actual charge current is less than 20% of the ICHRG, the timer will automatically
hold. When the timer expired, charger will no longer charge with programmed charging current. Instead, it will turn into safe
mode. Under safe mode, charger will always charge the battery with 5mA until VBATSENSE > VTRGT – 0.1V. When the charger
exits from safe mode, it will assert the IRQ. The safe mode status is reflected in REG 01H[3] and SOC can get the mode status
through this bit.
Table 9-29
REG 34H
Bit
Description
R/W
Default
7
Pre-charge Timer length setting 1
00: 40 minutes; 01: 50 minutes;
10: 60 minutes; 11: 70 minutes.
RW
0
6
Pre-charge Timer length setting 0
RW
1
1
Fast charge maximum time setting 1
00: 6 hours; 01: 8 hours;
10: 10 hours; 11: 12 hours.
RW
0
0
Fast charge maximum time setting 0
RW
1
Table 9-30
REG 01H
Description
R/W
Default
Bit3
Indicate battery active mode
0-charger is not in battery active mode
1-charger is in battery active mode
R
There are two ways to reset or exit from safe mode. One is plug out and re-insert the input power source or toggle
charger enable bit.
9.4.4 CHGLED activity
AXP288 provides CHGLED pin. The LED connected to this pin can be used to indicate charger status and input power
sources over voltage alarm. There are two Charge LED modes that can be configured through REG 34H[4] if REG 32H[3] is set
to 1.
Table 9-31
REG 34H
Description
R/W
Default
Bit 4
CHGLED Mode select when REG 32H[3] is 1
0: Type A; 1: Type B
RW
0
Table 9-30
REG 32H
Description
R/W
Default
Bit 5-4
CHGLED pin control
00: Hi-Z
01: 25% 0.5Hz toggle
RW
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com