Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP288D Datasheet(PDF) 32 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288D
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288D Datasheet(HTML) 32 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288D Datasheet HTML 28Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 29Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 30Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 31Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 32Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 33Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 34Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 35Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 36Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
32
Note:
Power down sequencing is the opposite of power up sequencing
Buck3, Buck5 and Buck6 power down together
Table 9-6
Parameter
Description
Min
Typical
Max
Units
T0
PLTRST_B assertion to SLP_S0IX_B
assertion
31
100
μs
T1
SLP_S0IX_B
de-assertion
to
SUSPWRDNACK assertion
0
50
μs
T2
SLP_S0IX_B
assertion
to
VCCAPWROK and COREPWROK
de-assertion
0
150
μs
T3
VCCAPWROK and COREPWROK
de-assertion to first VR starts to
turn off
0
150
μs
T4
Rail Ramp-down Time from 90%
to 10% voltage level
0.5
1
2
ms
T5
Rail to Subsequent Rail Turn-Off
Delay
0.5
1
3
ms
T6
DRAMPWROK de-assertion to
VREFDQ starts to turn off
0
150
μs
T7
RSMRST_B assertion to V3P3A
starts to turn off
0
150
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com