Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP288D Datasheet(PDF) 81 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288D
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288D Datasheet(HTML) 81 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288D Datasheet HTML 77Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 78Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 79Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 80Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 81Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 82Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 83Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 84Page - Shenzhen X-Powers Technology Co ., Ltd AXP288D Datasheet HTML 85Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
81
REG 39H: VHTF-charge setting
Default:1FH
Reset: Power on reset
Table 10-42
Bit
Description
R/W
Default
7-0 VLHF-charge setting, N
N*10H,N=1FH:0.397V;range is 0V-3.264V
RW
1FH
REG 3AH: Reserved
Default:XXH
Reset: Power on reset, bit7 is system reset
Table 10-43
Bit
Description
R/W
Default
7-0
Reserved
REG 3BH: Buck frequency setting
Default:08H
Reset: Power on reset
Table 10-44
Bit
Description
R/W
Default
7
Buck and PWM charger frequency spread enable
0: disable; 1: enable
RW
0
6
Buck and PWM charger frequency spread range control
0: 50KHz; 1: 100KHz
RW
0
5
Reserved
4
BUCK1/5 mode select
0:Always PWM
1:PSM/PWM Auto switch
RW
0
3-0
Buck frequency setting bit 3-0
fOSC: 3MHz *(1+ (8-N) *0.04)
N=08: 3MHz
Every step fOSC error is ±5%
RW
1000
REG 3CH: VLTF-work setting
Default:FCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com