Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC64M16GP-DINA Datasheet(PDF) 119 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 119 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 115Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 116Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 117Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 118Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 119Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 120Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 121Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 122Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 123Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 160 page
background image
Version 2.2
119
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Definition of tAONPD
tAONPD
Tsw2
Tsw1
Vsw1
Vsw2
VSSQ
VTT
DQ, DM
DQS, DQS#
TDQS, TDQS#
End point: Extrapolated point at VSSQ
CK
CK#
Begin point: Rising edge of CK
– CK#
with ODT being first register high
Definition of tAOF
tAOF
Tsw2
Tsw1
Vsw1
Vsw2
VSSQ
VTT
DQ, DM
DQS, DQS#
TDQS, TDQS#
End point: Extrapolated point at VRTT_Nom
CK
CK#
Begin point: Rising edge of CK
– CK#
defined by the end point of ODTLoff
VRTT_Nom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com