Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC64M16GP-DINA Datasheet(PDF) 122 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 122 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 118Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 119Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 120Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 121Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 122Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 123Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 124Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 125Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 126Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 160 page
background image
Version 2.2
122
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
DDR3L IDD Currents
Symbol
Parameter/Condition
DDR3L 1600 11-11-11 DDR3L 1866 13-13-13
Unit
X8
X16
X8
X16
IDD0
Operating Current 0
One Bank Activate-> Precharge
40
50
45
52
mA
IDD1
Operating Current 1
One Bank Activate-> Read-> Precharge
45
63
46
65
mA
IDD2P0
Precharge Power-Down Current
Slow Exit - MR0 bit A12 = 0
10
10
11
mA
IDD2P1
Precharge Power-Down Current
Fast Exit - MR0 bit A12 = 1
12
mA
IDD2Q Precharge Quiet Standby Current
16
17
18
mA
IDD2N Precharge Standby Current
20
23
22
mA
IDD2NT Precharge Standby ODT Current
28
30
31
32
mA
IDD3N Active Standby Current
30
39
34
43
mA
IDD3P
Active Power-Down Current
Always Fast Exit
17
24
18
25
mA
IDD4R Operating Current Burst Read
90
127
92
144
mA
IDD4W Operating Current Burst Write
95
134
95
152
mA
IDD5B Burst Refresh Current
95
99
98
105
mA
IDD6TC1
(RS-DIB)
Self-Refresh Current
Room Temperature Range
3
mA
IDD62
Self-Refresh Current
Normal
10
12
mA
IDD6ET3
Self-Refresh Current
Extended
11
13
mA
IDD7
All Bank Interleave Read Current
149
200
162
232
mA
IDD8
Reset Low Current
10
12
mA
NOTE 1
IDD6TC (RS-DIB):TC ≤ Room Temperature; SRT is disabled, ASR is enabled. Value is maximum.
NOTE 2
IDD6: SRT is ‘Normal’, ASR is disabled. Value is maximum.
- Commercial Grade = 0℃~85℃
- Quasi Industrial Grade (-T) = -40℃~85℃
- Industrial Grade (-I) = -40℃~85℃
- Automotive Grade 2 (-H) = -40℃~85℃
- Automotive Grade 3 (-A) = -40℃~85℃
NOTE 3
IDD6ET: SRT is ‘Extended’, ASR is disabled. Value is maximum.
- Commercial Grade = 0℃~95℃
- Quasi Industrial Grade (-T) = -40℃~95℃
- Industrial Grade (-I) = -40℃~95℃
- Automotive Grade 2 (-H) = -40℃~105℃
- Automotive Grade 3 (-A) = -40℃~95℃
NOTE 4
IDD will be derated (increased) when above 95℃.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com