Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC64M16GP-DINA Datasheet(PDF) 159 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 159 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 152Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 153Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 154Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 155Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 156Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 157Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 158Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 159Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 160Page - Nanya Technology Corporation.  
Zoom Inzoom in Zoom Outzoom out
 159 / 160 page
background image
Version 2.2
159
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Revision History
Version
Page
Modified
Description
Released
1.2
-
-
Official Release
06/2015
1.3
P5-7
-
Package naming: VFBGA (was:BGA)
08/2015
P90
AC & DC Input
Measurement Levels
Add VIH.CA(AC125) min spec.
P101
Cross Point voltage
Correct VIX(CK) max spec: +175 (was:-175)
1.4
P4
Ordering Information
1. Add part number: NT5CB(C)128M8GN-EK(A/H),
NT5CB(C)64M16GP-EK(A/H)
NT5CC128M8GN-DIB, NT5CC64M16GP-DIB
2. Remove part number: NT5CC128M8GN-FL, NT5CC64M16GP-FL
10/2015
P5
Operating frequency
New.
1.5
P1,4
Ordering Information
Add NOTE 2.
12/2015
P5
Operating frequency
Modify description.
1.6
P1,4,5
-
Add Part number : NT5CB128M8GN-DH, NT5CB64M16GP-DH
05/2016
P100
Single-ended levels
Add VSEH/VSEL 1866Mbps spec which is the same as 1600Mbps spec
P113
Output Driver
Add dRONdT, dRONdV 1866Mbps spec which is same as 1600Mbps
spec
P2,138
Fundamental AC
Specifications
Add 1600Mbps 10-10-10 Spec.
1.7
P86
ZQ Calibration Timing
Correct the timing of sequence Fig.
06/2016
1.8
P2
Fundamental AC
Specifications
– Core Timing
Add 1866Mbps max value in speed bin table
08/2016
P143
Electrical Characteristics &
AC Timing
Add 1866Mbps tDH.
1.9
P17
MR0 Definition
Update.
02/2017
P1,45,88,123,124
-
Update Quasi industrial grade temperature range: -40℃~95℃
(was: -20℃~95℃)
P123,124
IDD Currents
Add note.
2.0
P148
Timing Parameter Notes
Update note 1.
07/2017
2.1
P6,7
Ball Configuration
Revise symbol, and add NOTE 1.
04/2019
2.2
P104,105
Output Slew Rate
Remove 1.35V/800Mbps
04/2019
P142
AC & DC Operating
Conditions
Align with JEDEC, Add 2133MbpstDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com