Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC64M16GP-DINA Datasheet(PDF) 154 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 154 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 150Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 151Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 152Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 153Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 154Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 155Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 156Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 157Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 158Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 160 page
background image
Version 2.2
154
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Data Setup, Hold, and Slew Rate De-rating
For all input signals the total tDS (setup time) and tDH (hold time) required is calculated by adding the data sheet tDS(base)
and tDH(base) value to the delta tDS and delta tDH derating value respectively.
Example: tDS (total setup time) = tDS(base) + delta tDS
Setup (tDS) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of Vref(dc) and the
first crossing of VIH(ac)min. Setup (tDS) nominal slew rate for a falling signal is defined as the slew rate between the last
crossing of Vref(dc) and the first crossing of VIL(ac)max. If the actual signal is always earlier than the nominal slew rate line
between shaded ‘Vref(dc) to ac region’, use nominal slew rate for derating value. If the actual signal is later than the
nominal slew rate line anywhere between shaded ‘Vref(dc) to ac region’, the slew rate of the tangent line to the actual signal
from the ac level to dc level is used for derating value.
Hold (tDH) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of VIL(dc)max and the
first crossing of Vref(dc). Hold (tDH) nominal slew rate for a falling signal is defined as the slew rate between the last
crossing of VIH(dc)min and the first crossing of Vref(dc). If the actual signal is always later than the nominal slew rate line
between shaded ‘dc level to Vref(dc) region’, use nominal slew rate for derating value. If the actual signal is earlier than the
nominal s
lew rate line anywhere between shaded ‘dc to Vref(dc) region’, the slew rate of a tangent line to the actual signal
from the dc level to Vref(dc) level is used for derating value.
For a valid transition the input signal has to remain above/below VIH/IL(ac) for some time tVAC.
Although for slow slew rates the total setup time might be negative (i.e. a valid input signal will not have reached VIH/IL(ac)
at the time of the rising clock transition) a valid input signal is still required to complete the transition and reach VIH/IL(ac).
For slew rates in between the values listed in the following tables, the derating values may be obtained by linear
interpolation. These values are typically not subject to production test. They are verified by design and characterization.
Derating values DDR3L-1066 tDS/tDH - AC/DC based AC160 Threshold
DDR3L AC160 Threshold -> VIH(AC)=VREF(DC)+160mV, VIL(AC)=VREF(DC)-160mV
DQS,
 Differential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
△
tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH
DQ
Slew rate
V/ns
2
80
45
80
45
80
45
-
-
-
-
-
-
-
-
-
-
1.5
53
30
53
30
53
30
61
38
-
-
-
-
-
-
-
-
1
0
0
0
0
0
0
8
8
16
16
-
-
-
-
-
-
0.9
-
-
-1
-3
-1
-3
7
5
15
13
23
21
-
-
-
-
0.8
-
-
-
-
-3
-8
5
1
13
9
21
17
29
27
-
-
0.7
-
-
-
-
-
-
3
-5
11
3
19
11
27
21
35
37
0.6
-
-
-
-
-
-
-
-
8
-4
16
4
24
14
32
30
0.5
-
-
-
-
-
-
-
-
-
-
4
-6
12
4
20
20
0.4
-
-
-
-
-
-
-
-
-
-
-
-
-8
-11
0
5
NOTE1: Cell contents shaded in gray
are defined as ‘not supported’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com