Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC64M16GP-DINA Datasheet(PDF) 151 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 151 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 147Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 148Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 149Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 150Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 151Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 152Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 153Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 154Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 155Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 160 page
background image
Version 2.2
151
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Derating values DDR3-800/1066/1333/1600 tIS/tIH - AC/DC based AC150 Threshold
DDR3 Alternate AC150 Threshold -> VIH(ac)=VREF(dc)+150mV, VIL(ac)=VREF(dc)-150mV
CK,
 Differential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH △tIS △tIH △tIS △tIH
△
tIS
△
tIH
△
tIS
△
tIH
CMD/ADD
Slew rate
V/ns
2
75
50
75
50
75
50
83
58
91
66
99
74
107
84
115
100
1.5
50
34
50
34
50
34
58
42
66
50
74
58
82
68
90
84
1
0
0
0
0
0
0
8
8
16
16
24
24
32
34
40
50
0.9
0
-4
0
-4
0
-4
8
4
16
12
24
20
32
30
40
46
0.8
0
-10
0
-10
0
-10
8
-2
16
6
24
14
32
24
40
40
0.7
0
-16
0
-16
0
-16
8
-8
16
0
24
8
32
18
40
34
0.6
-1
-26
-1
-26
-1
-26
7
-18
15
-10
23
-2
31
8
39
24
0.5
-10
-40
-10
-40
-10
-40
-2
-32
6
-24
14
-16
22
-6
30
10
0.4
-25
-60
-25
-60
-25
-60
-17
-52
-9
-44
-1
-36
7
-26
15
-10
Derating values DDR3-1866/2133 tIS/tIH - AC/DC based AC135 Threshold
DDR3 Alternate AC135 Threshold -> VIH(ac)=VREF(dc)+135mV, VIL(ac)=VREF(dc)-135mV
CK,
 Differential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
CMD/ADD
Slew rate
V/ns
2
68
50
68
50
68
50
76
58
84
66
92
74
100
84
108
100
1.5
45
34
45
34
45
34
53
42
61
50
69
58
77
68
85
84
1
0
0
0
0
0
0
8
8
16
16
24
24
32
34
40
50
0.9
2
-4
2
-4
2
-4
10
4
18
12
26
20
34
30
42
46
0.8
3
-10
3
-10
3
-10
11
-2
19
6
27
14
35
24
43
40
0.7
6
-16
6
-16
6
-16
14
-8
22
0
30
8
38
18
46
34
0.6
9
-26
9
-26
9
-26
17
-18
25
-10
33
-2
41
8
49
24
0.5
5
-40
5
-40
5
-40
13
-32
21
-24
29
-16
37
-6
45
10
0.4
-3
-60
-3
-60
-3
-60
6
-52
14
-44
22
-36
30
-26
38
-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com