Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC64M16GP-DINA Datasheet(PDF) 150 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 150 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 146Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 147Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 148Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 149Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 150Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 151Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 152Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 153Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 154Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 160 page
background image
Version 2.2
150
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Derating values DDR3L-1866 tIS/tIH - AC/DC based AC125 Threshold
DDR3L Alternate AC125 Threshold -> VIH(AC)=VREF(DC)+125 mV, VIL(AC)=VREF(DC)-125 mV
CK,
 Differential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
CMD/ADD
Slew rate
V/ns
2
63
45
63
45
63
45
71
53
79
61
87
69
95
79
103
95
1.5
42
30
42
30
42
30
50
38
58
46
66
54
74
64
82
80
1
0
0
0
0
0
0
8
8
16
16
24
24
32
34
40
50
0.9
3
-3
3
-3
3
-3
11
5
19
13
27
21
35
31
43
47
0.8
6
-8
6
-8
6
-8
14
1
22
9
30
17
38
27
46
43
0.7
10
-13
10
-13
10
-13
18
-5
26
3
34
11
42
21
50
37
0.6
16
-20
16
-20
16
-20
24
-12
32
4
40
-4
48
14
56
30
0.5
15
-30
15
-30
15
-30
23
-22
31
-14
39
-6
47
4
55
20
0.4
13
-45
13
-45
13
-45
21
-37
29
-29
37
-21
45
-11
53
5
Derating values DDR3-800/1066/1333/1600 tIS/tIH - AC/DC based AC175 Threshold
DDR3 AC175 Threshold -> VIH(ac)=VREF(dc)+175mV, VIL(ac)=VREF(dc)-175mV
CK,
 Differential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
CMD/ADD
Slew rate
V/ns
2
88
50
88
50
88
50
96
58
104
66
112
74
120
84
128
100
1.5
59
34
59
34
59
34
67
42
75
50
83
58
91
68
99
84
1
0
0
0
0
0
0
8
8
16
16
24
24
32
34
40
50
0.9
-2
-4
-2
-4
-2
-4
6
4
14
12
22
20
30
30
38
46
0.8
-6
-10
-6
-10
-6
-10
2
-2
10
6
18
14
26
24
34
40
0.7
-11
-16
-11
-16
-11
-16
-3
-8
5
0
13
8
21
18
29
34
0.6
-17
-26
-17
-26
-17
-26
-9
-18
-1
-10
7
-2
15
8
23
24
0.5
-35
-40
-35
-40
-35
-40
-27
-32
-19
-24
-11
-16
-2
-6
5
10
0.4
-62
-60
-62
-60
-62
-60
-54
-52
-46
-44
-38
-36
-30
-26
-22
-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com