Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC32300A/B.EVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC32300A/B.EVB
Description  Synchronous Power MOSFET Driver With Integrated 3.3V LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC32300A/B.EVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC32300A/B.EVB Datasheet HTML 1Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 2Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 3Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 4Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 5Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 6Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 7Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 8Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SC32300B
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1) The transient negative voltage specification for the LX pin is -6V for 100ns.
(2) Tested according to JEDEC standard JS-001-2012. BST-VDD passed 1.5kV.
(3) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
VDD to GND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
DH, BST to GND (V) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +44
DH, BST to LX (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
LX to GND (V)(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0 to +38
PWM, FCCM, DT, DL to GND (V) . . . . . . . . -0.3 to VDD+0.3
VLDO to GND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
ESD Protection Level(2) (kV) . . . . . . . . . . . . . . . . . . . . . . . .
3
Recommended Operating Conditions
VDD (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5 <V
DD < 5.5
Thermal Information
Thermal Resistance, Junction to Ambient(3) (°C/W) . . . . 42
Maximum Junction Temperature (°C) . . . . . . . . . . . . . .+150
Storage Temperature Range (°C). . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Unless noted otherwise T
J = 25° C for typical, -40° C < TJ < 125° C for min and max, VDD = 5.25V.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VDD
Operating range
4.5
5.5
V
UVLO threshold
rising edge
3.92
4.14
4.34
V
falling edge
3.88
4.02
4.13
Quiescent current
PWM = high
249
374
463
µA
PWM = low
392
531
665
µA
PWM pin floating
440
570
709
µA
Internal LDO
LDO output accuracy
LDO load = 10mA
3.16
3.26
3.38
V
Current limit
127
372
mA
Over Temperature Shutdown
Over temperature shutdown
temperature rising threshold
150
O
C
Hysteresis
20
O
C
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com