Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC32300A/B.EVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC32300A/B.EVB
Description  Synchronous Power MOSFET Driver With Integrated 3.3V LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC32300A/B.EVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC32300A/B.EVB Datasheet HTML 1Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 2Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 3Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 4Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 5Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 6Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 7Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 8Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2015 Semtech Corporation
POWER MANAGEMENT
1
SC32300B
Synchronous Power MOSFET
Driver With Integrated 3.3V LDO
Features
Dual N-Channel MOSFET Driver with Programmable
Dead Time Control
Wide Power Stage Input Voltage: Up to 36V
Integrated Low Input Voltage 3.3V LDO
Smart Gate Drive to Reduce EMI
Integrated Bootstrap Switch
Diode Emulation for High Light Load Efficiency
Tri-State PWM Input for Drive Stage Shutdown
UVLO, Over Temperature Shutdown
10 Lead MLPD-UT 2.3mm x 2.3mm Package
Full Industrial Temperature Range
Fully WEEE and RoHS Compliant
Applications
DC Motor Drive (with SC32300A)
Synchronous DC-DC Converters
Single Phase
Multiphase
•
•
Description
The SC32300B is a high-side and low-side N-channel
MOSFET driver with integrated bootstrap switch. This
driver can be used as a synchronous buck converter
MOSFET driver. It can also be used together with the
SC32300A in applications driving a DC motor or similar
load. An external capacitor to program the dead-time
offers the flexibility to design the switch clamp circuitry
and produce more reliable system operation for the DC
motor driving application. The SmartDriveTM function at
the turn-on of the high-side MOSFET is a standout feature
of this part to reduce the EMI. The diode emulation mode
operation offers the opportunity to achieve high effi-
ciency at light load. The integrated LDO reduces the cost
and the footprint of the system.
An Under-Voltage-Lock-Out (UVLO) function is included
to ensure the driver outputs are off when the bias voltage
falls below 4.02V. An over temperature shutdown feature
is also included to prevent the driver from overheating.
The SC32300B is available in a space-saving 10 lead
2.3mm x 2.3mm MLPD-UT package and operates over the
industrial temperature range.
Typical Application Circuit
Rev. 2.1
VIN
FCCM
DT
PWM
LX
VDD
DL
GND
2
3
4
5
9
8
7
6
VIN
Underneath
pad
R1
R2
3.3V for µP
Phase U
Phase V
S1
S2
S3
S4
SC32300A
BST
1
DH 10
SC32300B
Phase V
VDD pin of
SC32300A
VLDO
FCCM
DT
PWM
LX
VDD
DL
GND
2
3
4
5
9
8
7
6
BST
1
DH 10
R3
R4
Figure 1. Typical Application for DC Motor Driving


Similar Part No. - SC32300A/B.EVB

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Bel Fuse Inc.
SC32 BEL-SC32 Datasheet
786Kb / 1P
SMD POWER INDUCTORS
SC32-100 BEL-SC32-100 Datasheet
786Kb / 1P
SMD POWER INDUCTORS
SC32-101 BEL-SC32-101 Datasheet
786Kb / 1P
SMD POWER INDUCTORS
logo
Kingbright Corporation
SC32-11SRWA KINGBRIGHT-SC32-11SRWA Datasheet
592Kb / 6P
8mm (0.32INCH) SINGLE DIGIT NUMERIC DISPLAY
JUN/18/2016 V.11A
More results

Similar Description - SC32300A/B.EVB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61120 TI-TPS61120 Datasheet
462Kb / 25P
SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
logo
ON Semiconductor
NIS3001 ONSEMI-NIS3001 Datasheet
208Kb / 18P
Integrated Driver and MOSFET Power Chip for Synchronous Buck Controllers
October, 2003 ??Rev. 5
logo
Microchip Technology
MCP19111 MICROCHIP-MCP19111 Datasheet
3Mb / 222P
Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
2013
MCP19110 MICROCHIP-MCP19110 Datasheet
3Mb / 226P
Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
11/29/12
logo
Texas Instruments
TPS61120PW TI-TPS61120PW Datasheet
1,011Kb / 32P
SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
logo
Richtek Technology Corp...
RT6226A RICHTEK-RT6226A Datasheet
435Kb / 26P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
September 2019
RT6310 RICHTEK-RT6310 Datasheet
1Mb / 54P
10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
August 2023
RT6316B RICHTEK-RT6316B Datasheet
405Kb / 25P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6318B RICHTEK-RT6318B Datasheet
399Kb / 25P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
December 2021
RT6256B RICHTEK-RT6256B Datasheet
411Kb / 24P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com