Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC32300A/B.EVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC32300A/B.EVB
Description  Synchronous Power MOSFET Driver With Integrated 3.3V LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC32300A/B.EVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC32300A/B.EVB Datasheet HTML 8Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 9Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 10Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 11Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 12Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 13Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 14Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 15Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SC32300B
12
management.
T
J = TA + Pd θJA
Where:
T
J is the junction temperature
T
A is the ambient temperature
θ
JA is the thermal resistance, 42
O
C/W
There is a temperature monitor in the driver which will shut
down the driver outputs and the LDO when the junction
temperature reaches 150OC. The driver will automatically
recover when the junction temperature cools to less than
132OC.
Layout Recommendations
The SC32300B is designed to provide strong source and
sink capability for MOSFET drive at high frequency. In
order to achieve this objective, the PCB layout is critical.
Some guidelines are highlighted below to achieve good
performance with SC32300B.
A. Locate the driver as close as possible to the MOSFETs.
For a high conversion ratio buck converter (e.g. 12V input
to 1V output), locate the driver as close as possible to the
low-side MOSFET.
B. Mount the decoupling capacitors as close as possible
between the VIN pin and the GND pin, the VDD pin and
the GND pin, the BST pin and the LX pin.
C. Minimize the PCB trace length between the DL pin to
the low-side MOSFET gate, the GND pin and the source of
the low-side MOSFET. Avoid mixing the ground trace of
the drive loop with the power stage current path.
D. Apply a similar rule for the high-side drive loop.
E. Use wide PCB trace > 20 mils for the drive loops.
F. Use two or more vias if the PCB trace for the drive loops
needs to be routed from one layer to another.
G. The ground of the input signals (PWM, FCCM and DT)
should be separated from the power ground plane and
directly connected to the GND pin of the driver.
Application Information (Continued)
H. Use multiple vias to connect the thermal pad to the
ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com