Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC32300A/B.EVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC32300A/B.EVB
Description  Synchronous Power MOSFET Driver With Integrated 3.3V LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC32300A/B.EVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC32300A/B.EVB Datasheet HTML 1Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 2Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 3Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 4Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 5Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 6Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 7Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 8Page - Semtech Corporation SC32300A/B.EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SC32300B
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
High-Side Driver
Peak source current
BST-LX=5.25V
2
A
Source resistance
1.2
1.7
Ω
Rise time (1)
t
DH_R
C
L = 3.3nF, BST-LX = 5.25V, LX = 5V
12
ns
Peak sink current
BST-LX = 5.25V
2
A
Sink resistance
0.8
1.4
Ω
Fall time (1)
t
DH_F
C
L = 3.3nF, BST-LX = 5.25V
8
ns
Propagation delay time (1)
t
DH_PD
From PWM input falling to DH output falling
16
ns
Low-Side Driver
Peak source current
VDD = 5.25V
2
A
Source resistance
1.1
1.7
Ω
Rise time (1)
t
DL_R
C
L = 3.3nF, VDD = 5.25V
12
ns
Peak sink current
VDD = 5.25V
4
A
Sink resistance
0.4
0.8
Ω
Fall time (1)
t
DL_F
C
L = 3.3nF, VDD = 5.25V
6
ns
Propagation delay time (1)
t
DL_PD
From PWM input rising to DL output falling
16
ns
PWM Input
Tri-state rising threshold
V
PWM_PEAK = 3.3V and 5V, VDD = 5.25V
0.75
1.0
1.3
V
Tri-state falling threshold
V
PWM_PEAK = 3.3V and 5V, VDD = 5.25V
1.7
2.1
2.5
V
Tri-state voltage
PWM float
1.45
V
Tri-state shutdown entry delay (1)
t
TR_END
VDD = 5.25V
303
ns
Tri-state shutdown exit delay (1)
t
TR_EXD
VDD = 5.25V
62
ns
PWM sink impedance
7.5
10
14
kΩ
PWM source impedance
19
26
34
kΩ
Operating frequency range
4
1000
kHz
Minimum pulse width at high
30
ns
FCCM
Input logic high
Rising threshold
2.0
V
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com